Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5605ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5605ACPZ-R7
Description  RF Driver Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5605ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5605ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
ADL5605
Data Sheet
Rev. B | Page 14 of 18
ADL5605 MATCHING
The RF input of the ADL5605 can be easily matched to 50 Ω
with at most one external component and the microstrip line
used as an inductor. The RF output requires one series inductor,
one shunt capacitor, and the microstrip line used as an inductor.
Table 6 lists the required matching component values. Capac-
itors CIN and COUT are Murata GRM155 series (0402 size), and
Inductor L2 is a Coilcraft® 0603CS series (0603 size).
For all frequency tuning bands, the placement of CIN, L2, and
COUT is critical. Table 7 lists the recommended component
spacing for the various frequency tuning bands. The component
spacing is referenced from the center of the component to the
edge of the package.
Figure 33 to Figure 35 show the matching networks.
Table 6. Recommended Components for Basic Connections
Frequency (MHz)
CIN (pF)
L2 (nH)
COUT (pF)
728 to 768
2.4
2.7
12.0
868 to 894
N/A
1.6
8.0
925 to 961
N/A
1.6
8.0
Table 7. Matching Component Spacing
Frequency (MHz)
λ1 (mils)
λ2 (mils)
λ3 (mils)
728 to 768
63
94.5
169
868 to 894
N/A
94.5
268
925 to 961
N/A
94.5
240
RFOUT
12
11
10
9
RFIN
16
1
2
13
14
15
NC
NC
NC
NC
RFIN
RFOUT
RFOUT
RFOUT
RFOUT
DISABLE
CIN
2.4pF
COUT
12pF
C2
100pF
L1
18nH
L2
2.7nH
C1
100pF
λ1
λ3
λ2
ADL5605
Figure 33. ADL5605 Match Parameters, 748 MHz Frequency Tuning Band
RFOUT
12
11
10
9
RFIN
16
1
2
13
14
15
NC
NC
NC
NC
RFIN
RFOUT
RFOUT
RFOUT
RFOUT
DISABLE
CIN
OPEN
COUT
8pF
C2
100pF
L1
18nH
L2
1.6nH
C1
100pF
λ3
λ2
ADL5605
Figure 34. ADL5605 Match Parameters, 881 MHz Frequency Tuning Band
RFOUT
12
11
10
9
RFIN
16
1
2
13
14
15
NC
NC
NC
NC
RFIN
RFOUT
RFOUT
RFOUT
RFOUT
DISABLE
CIN
OPEN
COUT
8pF
C2
100pF
L1
18nH
L2
1.6nH
C1
100pF
λ3
λ2
ADL5605
Figure 35. ADL5605 Match Parameters, 943 MHz Frequency Tuning Band



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com