Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5605ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5605ACPZ-R7
Description  RF Driver Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5605ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5605ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
ADL5605
Data Sheet
Rev. B | Page 16 of 18
EVALUATION BOARD
The schematic of the ADL5605 evaluation board is shown in
Figure 37. The evaluation board uses 25 mils wide, 50 Ω traces
and is made from IS410 material with a 20 mils gap to ground.
The evaluation board is tuned for operation at 943 MHz. The
inputs and outputs should be ac-coupled with appropriately
sized capacitors; therefore, for low frequency applications, the
value of C1 and C2 may need to be increased. DC bias is
provided to the output stage via an inductor (L1) connected
to the RFOUT pin. A bias voltage of 5 V is recommended.
The evaluation board has a short, non-50 Ω line on its output
to accommodate the four output pins and to allow for easier low
inductance output matching. The pads for Pin 9 to Pin 12 are
included on this microstrip line and are included in all matches.
The evaluation board uses numbers as identifiers to aid in the
placement of matching components at both the RF input and
RF output of the device. Figure 38 and Figure 39 show images
of the board layout.
RFIN
VCC3
VCC2
DISABLE
RFOUT
12
VBIAS
11
VCC
10
DISABLE
9
RFIN
1
2
3
4
ADL5605
COUT
8pF
C2
100pF
C1
100pF
CIN
N/A
C3
10pF
C4
OPEN
C10
OPEN
C5
100pF
C7
100pF
C8
0.01µF
C9
10µF
RFOUT
RFOUT
RFOUT
RFOUT
13
8
14
7
15
6
16
5
NC
NC
NC
NC
NC
NC
NC
NC
C6
0.01µF
C11
10µF
C12
100pF
C13
0.01µF
C14
10µF
L1
18nH
L2
1.6nH
VCC1
R4
OPEN
R1
0Ω
R5
OPEN
R2
0Ω
Figure 37. Evaluation Board, 943 MHz Frequency Tuning Band
Table 8. Evaluation Board Configuration Options, 943 MHz Frequency Tuning Band
Component
Function/Notes
Default Value
C1, C2
Input/output dc blocking capacitors.
C1, C2 = 100 pF
C3, C4, C5, C6, C7,
C8, C9, C10, C11,
C12, C13, C14
Power supply decoupling capacitors. Power supply decoupling capacitors are required to
filter out the high frequency noise on the power supply. The smallest capacitor should be the
closest to the ADL5605. The main bias that goes through RFOUT is the most sensitive to noise
because the bias is connected directly to the RF output.
C3 = 10 pF
C5, C7, C12 = 100 pF
C6, C8, C13 = 0.01 µF
C9, C11, C14 = 10 µF
C4, C10 = open
CIN
Input matching capacitor. To match the ADL5605 at the 943 MHz or 881 MHz frequency tuning
band, CIN is not required. For the 748 MHz frequency tuning band, CIN is set at a specific distance
from the device so that the microstrip line can act as inductance for the matching network
(see Table 7). If space is at a premium, an inductor can take the place of the microstrip line.
CIN = open
COUT
Output matching capacitor. The output match is set for 943 MHz and is easily changed for
other frequency tuning bands. The tolerance of this capacitor should be tight. COUT is set at
a specific distance from the device so that the microstrip line can act as inductance for the
matching network (see Table 7). If space is at a premium, an inductor can take the place of the
microstrip line. A short length of low impedance line on the output is embedded in the match.
COUT = 8.0 pF HQ
L2
Output matching inductor. The output match is set for 943 MHz and is easily changed for other
frequency tuning bands. A high Q Coilcraft inductor with tight tolerance is recommended.
L2 = 1.6 nH HQ
L1
The main bias for the ADL5605 comes through L1 to the output stage. L1 should be high
impedance for the frequency of operation while providing low resistance for the dc current.
The evaluation board uses a Coilcraft 0603HP-18NX_LU inductor; this 18 nH inductor provides
some of the match at 943 MHz.
L1 = 18 nH
R1, R2, R4, R5
To provide bias to all stages through just one supply, set R1 and R2 to 0 Ω, and leave R4 and
R5 open. To provide separate bias to stages, set R1 and R2 to open and R4 and R5 to 0 Ω.
R1, R2 = 0 Ω
R4, R5 = open
Exposed Paddle
The paddle should be connected to both thermal and electrical ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com