Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5605ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5605ACPZ-R7
Description  RF Driver Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5605ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5605ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
700 MHz to 1000 MHz,
1 W RF Driver Amplifier
Data Sheet
ADL5605
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Operation from 700 MHz to 1000 MHz
Gain of 23 dB at 943 MHz
OIP3 of 44.2 dBm at 943 MHz
P1dB of 30.9 dBm at 943 MHz
Noise figure of 4.8 dB at 943 MHz
Power supply: 5 V
Power supply current: 307 mA typical
Internal active biasing
Fast power-up/power-down function
Compact 4 mm × 4 mm, 16-lead LFCSP
ESD rating of ±1 kV (Class 1C)
Pin-compatible with the ADL5606 (1800 MHz to 2700 MHz)
APPLICATIONS
Wireless infrastructure
Automated test equipment
ISM/AMR applications
GENERAL DESCRIPTION
The ADL5605 is a broadband, two-stage, 1 W RF driver
amplifier that operates over a frequency range of 700 MHz
to 1000 MHz.
The ADL5605 operates on a 5 V supply voltage and a supply
current of 307 mA. The driver also incorporates a fast power-
up/power-down function for TDD applications, applications
that require a power saving mode, and applications that
intermittently transmit data.
The ADL5605 is fabricated on a GaAs HBT process and is
packaged in a compact 4 mm × 4 mm, 16-lead LFCSP that
uses an exposed paddle for excellent thermal impedance. The
ADL5605 operates from −40°C to +85°C. A fully populated
evaluation board tuned to 943 MHz is also available.
FUNCTIONAL BLOCK DIAGRAM
11 RFOUT
12 RFOUT
10 RFOUT
9
RFOUT
1
RFIN
2
DISABLE
3
VCC
4
VBIAS
ADL5605
VBIAS
PWDN
Figure 1.
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
0
2
4
6
8
10
12
14
16
18
20
22
POUT (dBm)
946MHz
Figure 2. ACPR vs. Output Power, 3GPP, TM1-64, at 946 MHz


Similar Part No. - ADL5605ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5605ACPZ-R7 AD-ADL5605ACPZ-R7 Datasheet
500Kb / 20P
700 MHz to 1000 MHz
REV. 0
More results

Similar Description - ADL5605ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-009560 MA-COM-MAAM-009560 Datasheet
235Kb / 4P
RF Driver Amplifier
MAAM-009560-V1 MA-COM-MAAM-009560-V1 Datasheet
235Kb / 4P
RF Driver Amplifier
MAAM-010617 MA-COM-MAAM-010617 Datasheet
418Kb / 7P
RF Driver Amplifier
MAAM-010617 MA-COM-MAAM-010617_15 Datasheet
418Kb / 7P
RF Driver Amplifier
MAAM-009286 MA-COM-MAAM-009286_15 Datasheet
812Kb / 5P
RF Driver Amplifier
MAAM-009560 MA-COM-MAAM-009560_15 Datasheet
889Kb / 5P
RF Driver Amplifier
MAAM-009563 MA-COM-MAAM-009563_15 Datasheet
855Kb / 6P
RF Driver Amplifier
logo
Analog Devices
ADL5321 AD-ADL5321_14 Datasheet
427Kb / 16P
RF Driver Amplifier
3/14-Rev. C to Rev. D
ADL5604 AD-ADL5604_17 Datasheet
777Kb / 23P
RF Driver Amplifier
Aug-2017
ADL5606 AD-ADL5606_17 Datasheet
611Kb / 18P
RF Driver Amplifier
Sep-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com