Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5605ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5605ACPZ-R7
Description  RF Driver Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5605ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5605ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ADL5605
Data Sheet
Rev. B | Page 10 of 18
943 MHZ FREQUENCY TUNING BAND
50
45
0
10
5
15
20
30
25
35
40
925
930
935
940
945
950
955
960
FREQUENCY (MHz)
OIP3 (dBm)
P1dB (dBm)
GAIN (dB)
NF (dB)
Figure 16. Noise Figure, Gain, P1dB, and OIP3 vs. Frequency
(OIP3 at POUT = 14 dBm per Tone)
19
20
21
22
23
24
25
26
27
925
930
935
940
945
950
955
960
FREQUENCY (MHz)
–40°C
+85°C
+25°C
Figure 17. Gain vs. Frequency and Temperature
0
–10
–20
–30
–40
–50
–60
925
955
930
935
940
945
950
960
FREQUENCY (MHz)
S11
S12
S22
Figure 18. Input Return Loss (S11), Output Return Loss (S22),
and Reverse Isolation (S12) vs. Frequency
40
26
28
30
32
34
38
36
48
34
36
38
44
46
42
40
925
930
940
935
945
950
955
960
FREQUENCY (MHz)
–40°C
+25°C
+25°C
+85°C
+85°C
–40°C
Figure 19. P1dB and OIP3 vs. Frequency and Temperature
(OIP3 at POUT = 14 dBm per Tone)
46
45
44
43
42
41
40
–2
0
2
4
6
8
10
12
14
16
18
POUT PER TONE (dBm)
925MHz
943MHz
960MHz
Figure 20. OIP3 vs. POUT and Frequency
7
6
5
4
3
2
930
925
935
940
945
950
955
960
FREQUENCY (MHz)
–40°C
+85°C
+25°C
Figure 21. Noise Figure vs. Frequency and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com