Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5605ACPZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5605ACPZ-R7
Description  RF Driver Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5605ACPZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADL5605ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ADL5605
Data Sheet
Rev. B | Page 2 of 18
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Typical Scattering Parameters..................................................... 5
Absolute Maximum Ratings............................................................ 6
Thermal Resistance ...................................................................... 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ............................................. 8
748 MHz Frequency Tuning Band ............................................. 8
881 MHz Frequency Tuning Band..............................................9
943 MHz Frequency Tuning Band........................................... 10
General......................................................................................... 11
Applications Information .............................................................. 13
Basic Layout Connections......................................................... 13
ADL5605 Matching.................................................................... 14
ACPR and EVM ......................................................................... 15
Thermal Considerations............................................................ 15
Soldering Information and Recommended PCB Land
Pattern.......................................................................................... 15
Evaluation Board ............................................................................ 16
Outline Dimensions ....................................................................... 18
Ordering Guide .......................................................................... 18
REVISION HISTORY
9/2017—Rev. A to Rev. B
Changed CP-16-10 to CP-16-20 .................................. Throughout
Changes to Figure 1.......................................................................... 1
Changes to Figure 3.......................................................................... 7
Updated Outline Dimensions ....................................................... 18
Changes to Ordering Guide .......................................................... 18
11/2013—Rev. 0 to Rev. A
Added Figure 29, Renumbered Sequentially .............................. 12
Updated Outline Dimensions ....................................................... 18
7/2011—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com