Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5605ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5605ACPZ-R7
Description  RF Driver Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5605ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5605ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5605ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ADL5605
Data Sheet
Rev. B | Page 12 of 18
320
310
280
290
300
–40
30
–30 –20 –10
0
10
20
40
50
60
70
80
TEMPERATURE (°C)
4.75V
5V
5.25V
Figure 28. Supply Current vs. Temperature and Supply Voltage at 943 MHz
860
760
660
560
460
360
260
–6 –4 –2 02468 10 12 14 16 18 20 22 24 26 28 30 32 34
POUT (dBm)
+25°C
–40°C
+85°C
Figure 29. Supply Current vs. POUT and Temperature at 943 MHz, VCC = 5 V
CH2 1V
Ω
CH3 1V
Ω
M20ns 10GS/s
IT 4ps/pt
A CH2
2.5V
3
2
Figure 30. Turn-Off Time, 10% of Control Pulse to 90% of RFOUT
CH2 1V
Ω
CH3 1V
Ω
M20ns 10GS/s
IT 4ps/pt
A CH2
2.5V
3
2
Figure 31. Turn-On Time, 10% of Control Pulse to 90% of RFOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com