Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP103 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP103
Description  Higher Power Offline Inductor-Less Regulator For Low Power Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP103 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP103 Datasheet HTML 12Page - Monolithic Power Systems MP103 Datasheet HTML 13Page - Monolithic Power Systems MP103 Datasheet HTML 14Page - Monolithic Power Systems MP103 Datasheet HTML 15Page - Monolithic Power Systems MP103 Datasheet HTML 16Page - Monolithic Power Systems MP103 Datasheet HTML 17Page - Monolithic Power Systems MP103 Datasheet HTML 18Page - Monolithic Power Systems MP103 Datasheet HTML 19Page - Monolithic Power Systems MP103 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MP103 EASYPOWERTM –HIGHER POWER OFFLINE INDUCTOR- LESS REGULATOR
MP103 Rev. 1.01
www.MonolithicPower.com
16
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Top Layer
8
7
6
5
1
2
3
4
Bottom Layer
Figure 6: PCB Layout
Design Example
Below is a design example following the
application guidelines for the specifications:
Table 2: Design Example
VIN
85Vac to 265Vac
VOUT
5V
IOUT
60mA
The detailed application schematic is shown in
Figure 7. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
device application, please refer to the related
Evaluation Board Datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com