Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP103 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP103
Description  Higher Power Offline Inductor-Less Regulator For Low Power Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP103 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP103 Datasheet HTML 8Page - Monolithic Power Systems MP103 Datasheet HTML 9Page - Monolithic Power Systems MP103 Datasheet HTML 10Page - Monolithic Power Systems MP103 Datasheet HTML 11Page - Monolithic Power Systems MP103 Datasheet HTML 12Page - Monolithic Power Systems MP103 Datasheet HTML 13Page - Monolithic Power Systems MP103 Datasheet HTML 14Page - Monolithic Power Systems MP103 Datasheet HTML 15Page - Monolithic Power Systems MP103 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MP103 EASYPOWERTM –HIGHER POWER OFFLINE INDUCTOR- LESS REGULATOR
MP103 Rev. 1.01
www.MonolithicPower.com
12
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
[t4, t5]: At the time of t4, VIN falls to the slow
turn-on threshold; the driver current begins to
slowly rise to turn on the external BJT, at the
time of t5, the external BJT is fully on;
[t5, t6]: As VIN falls, the charging current is
decreased, and the VB voltage is increased by
the charge current. At the time of t6, VIN falls to
the value equal to VB voltage, there is no
current flowing into VB capacitor;
[t6, t1]: During this period, although the driver is
active, since VIN is lower than VB voltage, so
there is no charging current, the VB capacitor
provide the power for the output load and the
voltage drop from v4 to v1 at the time of t1;
Adaptive Active Charging Window
To minimize the power loss of BJT and LDO,
MP103 integrates an adaptive active charging
window control, which maintain the maximum
voltage difference between VB and VOUT stay
at a constant level, thus the VB peak voltage is
limited related to VOUT.
When VIN varies from high to low voltage into
its charging window and the VB voltage is lower
than VBPKLMT minus VBPKLMT_HYS, then the driver
will be turned on and VB capacitor will be
charged up. If VB voltage is charged up to its
peak limit VBPKLMT which is related with the
output voltage, then the driver will be slowly
turned off although VIN doesn’t reach its slow
turn-off threshold.
Figure 4 depicts the situation that VB reaches
its peak limit when VIN is in its charging window.
0
VIN
IDR
IIN
VINTHS
t1 t2
t4 t5
t
t
t
0
0
t3
t6
VB
VBPKLMT VBPKLMT_HYS
Figure 4: Adaptive Active Charging Window
Active Bleeder Circuit
Due to the parasitic capacitor of VIN to GND,
the input voltage may not fall into its charging
window during normal operation.
At start up, the active bleeder is always on to
pull down the input voltage into its charging
window to charge VB capacitor to its output
enable threshold VBTHOUT at which moment the
LDO is enabled.
During steady state mode, to guarantee the
output get enough energy from input ports,
active bleeder circuit is enabled whenever the
VB voltage falls below VBBLDON.
Besides, when the power supply is shut down,
active bleeder circuit discharges the energy
stored in parasitic capacitor to ensure the circuit
can restart easily.
Short Circuit Protection
The output current is limited to 170mA (IOUTLMT)
if the output is shorted to ground, which also
decreases the VB voltage. When VB drops
below 7.6V (VBUVLO), the LDO turns off. The
input voltage then gradually charges VB up to
15.25V (VBTHOUT) to enable the LDO. When
LDO turns on, the output current drops the VB
voltage to 7.6V again. This process will
continue until the output short condition ceases.
Over Load Protection
The VB and VOUT voltages will drop
simultaneously if the output current exceeds its
normal value. When the VB voltage falls to 7.6V
(VBUVLO), the second stage LDO shuts down
immediately. Then the input voltage charges VB
to 15.25V (VBTHOUT) to enable the LDO. Due to
the output current limit circuit, the maximum
current is limited to 170mA (IOUTLMT) typically.
VB Short to GND Protection
When VB is shorted to GND, the driver current
will be reduced to 19mA (IDRSTARTUP) typically to
decrease the power consumption of external
BJT, thus the thermal damage of external BJT
is prevented.
Over Temperature Protection
An NTC resistor in series with a regular resistor
can be connected between RT and GND for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com