Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP103 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP103
Description  Higher Power Offline Inductor-Less Regulator For Low Power Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP103 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP103 Datasheet HTML 7Page - Monolithic Power Systems MP103 Datasheet HTML 8Page - Monolithic Power Systems MP103 Datasheet HTML 9Page - Monolithic Power Systems MP103 Datasheet HTML 10Page - Monolithic Power Systems MP103 Datasheet HTML 11Page - Monolithic Power Systems MP103 Datasheet HTML 12Page - Monolithic Power Systems MP103 Datasheet HTML 13Page - Monolithic Power Systems MP103 Datasheet HTML 14Page - Monolithic Power Systems MP103 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MP103 EASYPOWERTM –HIGHER POWER OFFLINE INDUCTOR- LESS REGULATOR
MP103 Rev. 1.01
www.MonolithicPower.com
11
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
OPERATION
MP103 employs a smart inductor-less regulator
design to supply a regulated DC voltage from
an AC input. A unique (patent pending) charge
algorithm transfers charge from the AC line
when the line voltage is below 32V to the VB
capacitor (C1 in the typical application diagram).
The VB capacitor is used as the charge
reservoir for an internal LDO to regulate VOUT.
There are two distinct modes of normal
operation; startup and steady state.
Startup
At start up, all pins are at zero volts, and the AC
line supplies power to VIN through the rectifier.
An internal 19mA current source is enabled
between VIN and DR. This current drives the
base of an external bipolar transistor which
charges the VB capacitor. This internal current
source is only enabled when VIN is within its
charging window, typically below 32V.
This
charging technique minimizes power loss
during start up. During this start up condition,
VB<15.25V, the output regulator is disabled.
As long as VB < 15.25V, DR provides 19mA
during its charging window which limits the
output current if VB is shorted.
When
VB>15.25V, the output regulator is enabled,
and MP103 enters its steady state mode.
IDR
VB
IDRSTARTUP=19mA
VBTHOUT
VBUVLO
IDR=200mA
Figure 2: Base Current vs. VB Voltage
Steady state
In steady state mode, DR current is increased
to 200mA. Figure 2 depicts the relationship of
the DR/base current to VB voltage.
It is
enabled during its charging window of VIN<
32V.
This technique adaptively replenishes
the VB capacitor charge which supplies power
to the LDO. This enables good efficiency.
An
internal comparator will limit the VB voltage.
These are the VB peak thresholds listed in the
electrical table. This further improves efficiency
by optimally limiting the drop out voltage
depending on VOUT. If VB falls below 7.6V,
the regulator will be disabled, turning off the
power supply.
The EMI performance is
enhanced by turning on and off the current
source at a controlled rate.
The following
sections describe in much more detail the
steady state operation.
Figure 3 depicts the steady state waveforms for
better understanding.
0
v1
v2
v3
VIN
IDR
IIN
VINTHS
t1 t2
t4 t5
t
t
t
0
0
v4
t3
t6
VB
Figure 3: Steady State Waveform
[t1, t2]: At the time of t1, the voltage of VB and
VIN is equal, then VIN is rising higher than VB,
so there will be some charge current flowing
into VB capacitor; At the time of t2, VIN reaches
the slow turn-off threshold, the input current
increased to its maximum value;
[t2, t3]: To benefit the EMI performance, MP103
will turn on and turn off the external BJT slowly
with certain rate. At the time of t2, the driver
reduces the driver current slowly to turn off the
external BJT, at the time of t3, the external BJT
is totally turned off;
[t3, t4]: During this period, the VIN is higher
than the slow turn-off threshold, the driver is
turned off and no current flowing into VB
capacitor, the VB capacitor provides the power
to LDO for output load, at the time of t4, the
voltage
of
VB
drops
from
v2
to
v3;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com