Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP103 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP103
Description  Higher Power Offline Inductor-Less Regulator For Low Power Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP103 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP103 Datasheet HTML 1Page - Monolithic Power Systems MP103 Datasheet HTML 2Page - Monolithic Power Systems MP103 Datasheet HTML 3Page - Monolithic Power Systems MP103 Datasheet HTML 4Page - Monolithic Power Systems MP103 Datasheet HTML 5Page - Monolithic Power Systems MP103 Datasheet HTML 6Page - Monolithic Power Systems MP103 Datasheet HTML 7Page - Monolithic Power Systems MP103 Datasheet HTML 8Page - Monolithic Power Systems MP103 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP103 EASYPOWERTM –HIGHER POWER OFFLINE INDUCTOR- LESS REGULATOR
MP103 Rev. 1.01
www.MonolithicPower.com
4
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (5) (continued)
TA = -40°C to +125°C, CFB=100pF, COUT=2.2μF, CVB=4.7μF, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Dropout Voltage
(9)
VDROP
VB=20V,IOUT=40mA
0.55
V
Ground Pin Current
IG
VB=20V,IOUT=40mA
1.31
mA
PSRR
(10)
PSRR
10~60kHz,CIN=1μF,COUT=4.7μF
<60
dB
FB Section
Reference Voltage
VFBREF
1.204
1.235
1.266
V
RT Section
Output Current of
RT Pin
IRT
RI=100kΩ
(11)
64
77
90
μA
RT Low Threshold Voltage
VRTTHL
0.75
0.85
V
RT
Threshold
Voltage
Hysteresis
VRTTH_HYS
60
mV
RT Pin Open Voltage
VRTOPEN
5.3
5.8
6.3
V
Thermal Shutdown
Thermal
Shutdown
Threshold
TSD
160
ºC
Thermal Shutdown
Threshold Hysteresis
TSD_HYS
20
ºC
Notes:
5) Took the linear region (Current) measure Time1 at 20% and Time2 at 80% to calculate the base current rise and fall rate.
6) Evaluate on EVB.
7) Line Regulation = (VOUT @ VB=30V, 100uA load - VOUT @ VB=13V, 100uA load) / 12V * 100.
8) Load Regulation = (VOUT @ VB=30V, 40mA load - VOUT @ VB=30V,100uA load) / 12V * 100.
9) The dropout voltage is defined as VB -VOUT.
10) Guarantee by design.
11) Or force 5V and 0.5V on RT, then measure RT current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com