Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP103 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP103
Description  Higher Power Offline Inductor-Less Regulator For Low Power Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP103 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP103 Datasheet HTML 1Page - Monolithic Power Systems MP103 Datasheet HTML 2Page - Monolithic Power Systems MP103 Datasheet HTML 3Page - Monolithic Power Systems MP103 Datasheet HTML 4Page - Monolithic Power Systems MP103 Datasheet HTML 5Page - Monolithic Power Systems MP103 Datasheet HTML 6Page - Monolithic Power Systems MP103 Datasheet HTML 7Page - Monolithic Power Systems MP103 Datasheet HTML 8Page - Monolithic Power Systems MP103 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MP103 EASYPOWERTM –HIGHER POWER OFFLINE INDUCTOR- LESS REGULATOR
MP103 Rev. 1.01
www.MonolithicPower.com
2
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP103GN
SOIC8E
MP103
* For Tape & Reel, add suffix –Z (e.g. MP103GN–Z);
PACKAGE REFERENCE
TOP VIEW
DR
EXPOSED PAD
ON BACK SIDE
VB
VOUT
GND
FB
RT
1
2
3
4
8 VIN
5
6
7 NC
ABSOLUTE MAXIMUM RATINGS (1)
VIN ............................................. -0.7V to 700V
VOUT ............................................ -0.3V to 15V
VB.................................................. -0.3V to 35V
DR ................................................. -0.3V to 30V
FB................................................. -0.3V to 6.5V
RT……………………………………-0.3V to 6.5V
Continuous Power Dissipation (TA = +25°C)
(2)
SOIC8E .....................................................2.5W
Junction Temperature............................. 150 oC
Lead Temperature .................................. 260 oC
Storage Temperature............. -55 oC to +150 oC
ESD Capability Human Body Mode ………2kV
Recommended Operating Conditions
(3)
50/60Hz AC RMS Voltage ............. 85V to 305V
VB...................................................... 8V to 30V
Operating Junction Temp TJ .... -40°C to +150°C
Thermal Resistance
(4)
θJA
θJC
SOIC8E
50 ..... 10
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com