Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP103 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP103
Description  Higher Power Offline Inductor-Less Regulator For Low Power Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP103 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP103 Datasheet HTML 1Page - Monolithic Power Systems MP103 Datasheet HTML 2Page - Monolithic Power Systems MP103 Datasheet HTML 3Page - Monolithic Power Systems MP103 Datasheet HTML 4Page - Monolithic Power Systems MP103 Datasheet HTML 5Page - Monolithic Power Systems MP103 Datasheet HTML 6Page - Monolithic Power Systems MP103 Datasheet HTML 7Page - Monolithic Power Systems MP103 Datasheet HTML 8Page - Monolithic Power Systems MP103 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MP103 EASYPOWERTM –HIGHER POWER OFFLINE INDUCTOR- LESS REGULATOR
MP103 Rev. 1.01
www.MonolithicPower.com
3
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
TA = -40°C to +125 °C, CFB=100pF, COUT=2.2μF, CVB=4.7μF, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
VIN Section
Input Voltage
VIN
650
V
Input Supply Current (Quiescent)
IINQC
VIN= 90V & VB=0V, No load
48
85
μA
Input Voltage Slow Threshold
VINTHS
VIN Rising
30.5 32.75
36
V
Input
Voltage
Slow
Threshold
Hysteresis
VINTHS_HYS
3.2
V
Input Voltage Fast Threshold
VINTHF
VIN Rising
66
71
83
V
Input
Voltage
Fast
Threshold
Hysteresis
VINTHF_HYS
5.7
V
VB Section
VOUT=5V
13.0 13.75 14.5
V
VB Peak Voltage Limit
VBPKLMT
VOUT=12V
19.8
21.0
22.2
V
VOUT=5V
700
mV
VB Peak Voltage Hysteresis
VBPKLMT_HYS
VOUT=12V
830
mV
VB Under Voltage Lock Out
VBUVLO
6.6
7.6
8.6
V
VB Output Enable Threshold
VBTHOUT
13.5 15.25
17
V
VB Supply Current (Quiescent)
VBQC
VB=30V
0.74
1.65
mA
VOUT=5V
11.0 12.25 13.5
V
Active Bleeder ON
VBBLDON
VOUT=12V
18.0 19.25 20.5
V
VOUT=5V
600
mV
Active Bleeder ON Hysteresis
VBBLDON_HYS
VOUT=12V
700
mV
TA= -40
oC to 25 oC
350
470
μA
TA= 25
oC to 85 oC
530
μA
Active Bleeder Current
IBBLD
TA= 85
oC to 125 oC
683
850
μA
DR Section
Driver Current
IDR
VB> VBTHOUT
165
200
235
mA
Startup Driver Current
IDRSTARTUP
VB< VBTHOUT
14.8
19
28
mA
Base Current Rise Rate
IDRRISERATE
(5)
2.7
mA/μs
Base Current Fall Rate
IDRFALLRATE
(5)
2.15
mA/μs
VOUT Section
VOUT Regulated Voltage
VOUT
11.7
12.1
12.5
V
Output Current Capability
(6)
IOUT
VAC=300rms, β=10,IDR=200mA
50
mA
Output Current Limit
IOUTLMT
VB=15V
170
230
mA
Line Regulation
(7)
VB=13V to 30V, IOUT=100μA
0.04
%
Load Regulation
(8)
VB=30V, IOUT=100μA to 40mA
0.14
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com