Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP103 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP103
Description  Higher Power Offline Inductor-Less Regulator For Low Power Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP103 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP103 Datasheet HTML 1Page - Monolithic Power Systems MP103 Datasheet HTML 2Page - Monolithic Power Systems MP103 Datasheet HTML 3Page - Monolithic Power Systems MP103 Datasheet HTML 4Page - Monolithic Power Systems MP103 Datasheet HTML 5Page - Monolithic Power Systems MP103 Datasheet HTML 6Page - Monolithic Power Systems MP103 Datasheet HTML 7Page - Monolithic Power Systems MP103 Datasheet HTML 8Page - Monolithic Power Systems MP103 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP103 EasyPowerTM
Higher Power
Offline Inductor-Less Regulator
For Low Power Applications
MP103 Rev. 1.01
www.MonolithicPower.com
1
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP103 provides an easy and low cost
ACDC solution for less than 1W applications. It
is an off-line linear regulator that delivers good
efficiency while generating little EMI noise.
It
provides an easy solution to step down the AC
line voltage to a regulated DC voltage. This off-
line linear regulator replaces the conventional
switching regulator, not needing a transformer
or an inductor. Due to its simplicity, it offers an
overall low BOM cost.
MP103 delivers nearly two times the output
power than the MP100 or MP100L by charging
its VB capacitor with an external bipolar
transistor.
MP103 maximizes efficiency by
minimizing the voltage drop between VB and
VOUT, while only charging VB when VIN is less
than approximately 32V. The MP103 enables
the overall system to meet standby power
requirements.
MP103 offers rich protections, such as Thermal
Shutdown (TSD), Over Temperature Protection
(OTP), VB Over Voltage Protection (OVP), VB
Short to GND Protection, Over Load Protection
(OLP), Short Circuit Protection (SCP), MP103 is
available in the SOIC8E package.
FEATURES
• Universal AC Input (85Vac-305Vac)
• Inductor-less
• Less than 100mW standby power
• Excellent EMI Performance
• Lower BOM Cost
• Smart Control to Maximizes Efficiency
• Adjustable Output Voltage from 1.5V to 15V
• Good Line and Load Regulation
• Drives External BJT
• Short Circuit Protection
• External Programmable Over Temperature
Protection (OTP)
APPLICATIONS
• Wall switches and dimmers
• AC/DC Power Supply for Wireless System,
like ZigBee, Z-Wave
• Standby Power for General Off-Line
Applications
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
0
200
400
600
800
1000
1200
1400
85 115 145 175 205 235 265 295


Similar Part No. - MP103

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
MP103 CIRRUS-MP103 Datasheet
274Kb / 6P
Power Operational Amplifiers
logo
Monolithic Power System...
MP1038 MPS-MP1038 Datasheet
34Kb / 1P
Full Bridge CCFL Controller
More results

Similar Description - MP103

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST312PHA COILCRAFT-ST312PHA Datasheet
462Kb / 2P
Power Inductor for Critical Applications
ST336PHA COILCRAFT-ST336PHA Datasheet
465Kb / 2P
Power Inductor for Critical Applications
ST358PWA COILCRAFT-ST358PWA Datasheet
258Kb / 2P
Power Inductor for Critical Applications
ST413PHA COILCRAFT-ST413PHA Datasheet
455Kb / 2P
Power Inductor for Critical Applications
ST432PNA COILCRAFT-ST432PNA Datasheet
322Kb / 2P
Power Inductor for Critical Applications
ST511PNA COILCRAFT-ST511PNA Datasheet
638Kb / 2P
Power Inductor for Critical Applications
ST515PMM COILCRAFT-ST515PMM Datasheet
299Kb / 3P
Power Inductor for Critical Applications
logo
ON Semiconductor
NCP1075P065G ONSEMI-NCP1075P065G Datasheet
839Kb / 28P
High-Voltage Switcher for Low Power Offline SMPS
February, 2014 ??Rev. 0
logo
Monolithic Power System...
MP100L MPS-MP100L Datasheet
744Kb / 18P
Offline Inductor-Less Regulator For Low Power Application
MP100 MPS-MP100 Datasheet
443Kb / 16P
Offline Inductor-less Regulator For Low Power Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com