Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP103 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP103
Description  Higher Power Offline Inductor-Less Regulator For Low Power Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP103 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP103 Datasheet HTML 9Page - Monolithic Power Systems MP103 Datasheet HTML 10Page - Monolithic Power Systems MP103 Datasheet HTML 11Page - Monolithic Power Systems MP103 Datasheet HTML 12Page - Monolithic Power Systems MP103 Datasheet HTML 13Page - Monolithic Power Systems MP103 Datasheet HTML 14Page - Monolithic Power Systems MP103 Datasheet HTML 15Page - Monolithic Power Systems MP103 Datasheet HTML 16Page - Monolithic Power Systems MP103 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP103 EASYPOWERTM –HIGHER POWER OFFLINE INDUCTOR- LESS REGULATOR
MP103 Rev. 1.01
www.MonolithicPower.com
13
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ambient temperature sensing and protection.
The value of the NTC resistor becomes lower
when the ambient temperature rises. With the
fixed internal current 80uA flowing through the
resistors, the voltage of RT pin becomes lower
at high temperature. When VRT is lower than
VRTTHL ( typically 0.8V ) , then internal OTP
circuit will be triggered and the BJT driver and
LDO will be shut down immediately. When VRT
is higher than VRTTHL plus VRTTH_HYS, then
MP103 will restart.
Thermal Shutdown Protection
Accurate temperature protection prevents the
chip from operating at exceedingly high
temperatures. When the silicon die temperature
exceeds 160oC, the whole chip shuts down.
When the temperature falls below its lower
threshold of 140 oC, the chip is enabled again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com