Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3313GC Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP3313GC
Description  3-Channel, Max 38V Output, Linear/Exponential, Analog Dimming, Step-Up WLED Driver with I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3313GC Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP3313GC Datasheet HTML 13Page - Monolithic Power Systems MP3313GC Datasheet HTML 14Page - Monolithic Power Systems MP3313GC Datasheet HTML 15Page - Monolithic Power Systems MP3313GC Datasheet HTML 16Page - Monolithic Power Systems MP3313GC Datasheet HTML 17Page - Monolithic Power Systems MP3313GC Datasheet HTML 18Page - Monolithic Power Systems MP3313GC Datasheet HTML 19Page - Monolithic Power Systems MP3313GC Datasheet HTML 20Page - Monolithic Power Systems MP3313GC Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
MP3313 – 3-CHANNEL, LINEAR/EXPONENTIAL DIMMING, WLED DRIVER W/ I2C
MP3313 Rev.1.0
www.MonolithicPower.com
17
8/2/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
5. LED current multiplied by the input PWM
duty, LED slope step controlled by the
internal register only: When the brightness
control mode bits are set to 100, the LED
current is dimmed by the input PWM
dimming duty, and slope step is controlled
by the internal brightness register only.
In linear mode, the LEDs can be calculated
with Equation (30) and Equation (31):
ILED0
PWM0
I
(40.806 A 12.195 A Code0) D
 
 
(30)
ILED1
PWM1
I
(40.806 A 12.195 A Code1) D
 
 
(31)
In exponential mode, the LEDs can be
calculated with Equation (32) and Equation
(33):
Code0
ILED0
PWM0
I
51.1 A 1.003040572
D
 
(32)
Code1
ILED1
PWM1
I
51.1 A 1.003040572
D
 
(33)
The ramp time in either mode can be
calculated with Equation (34):
RAMP
t
RAMP | Code1 Code0 1|
(34)
Cycle-by-Cycle Current Limit
To prevent the external components from
exceeding the current stress rating, the MP3313
uses a cycle-by-cycle current limit protection.
The limit value can be selected by the register
bit CL1:0. When the internal LS-FET current
exceeds
the
current
limit
threshold,
the
MOSFET turns off until the next clock cycle
begins.
Over-Current Protection (OCP)
The FT_OCP flag is set when over-current
protection
(OCP)
occurs.
To
prevent
the
transient over-current from setting the FT_OCP
bit, the MP3313 designs an OCP counter. If the
inductor current always reaches the threshold in
a 128µs period, the counter increases by 1.
Every eight 128µs periods, if the OCP counter is
higher than 2, the FT_OCP bit is set to 1.
If OCP_SD = 0, the IC latches off when OCP is
triggered. If OCP_SD = 1, the IC is recoverable
when OCP is triggered.
Over-Voltage Protection and Open-String
Protection
When VOUT is higher than the over-voltage
protection (OVP) threshold, OVP is triggered,
the IC stops switching, and the FT_OVP bit is
set. When the output voltage drops low,
switching recovers.
The OVP threshold is set by the internal register
OVP1:0. Four different thresholds can be
selected.
 OVP1:0 = 00: 17V
 OVP1:0 = 01: 23V
 OVP1:0 = 10: 30V
 OVP1:0 = 11: 38V (default)
If the LED string is open, the feedback voltage is
lower than the reference voltage, and VOUT rises
up and continues charging the output capacitor
until OUT reaches the protection point (VOVP),
and OVP is triggered. The IC also monitors the
LEDx voltage. When the LEDx voltage is lower
than 40mV, open LED protection is triggered.
Three
different
actions
can
be
set
by
OVP_MD1:0 through the I2C after a fault is
triggered.
 OVP_MD1:0 = 00: FT_OVP is set, and
FT_OLP is set.
 OVP_MD1:0 = 01: FT_OVP is set, FT_OLP
is set, and the string is marked off with LEDx
< 40mV.
 OVP_MD1:0 = 10: FT_OVP is set, and the
IC latches off when the OVP fault is
detected.
Short LED Protection
The MP3313 monitors the LEDx voltage to
determine if a short string has occurred. If a
short occurs, the respective LEDx pin is pulled
up and can tolerate high voltage stress. If the
LEDx voltage is higher than the short-protection
threshold and lasts for 2ms, a short string fault is
detected. The threshold is set by S_TH1:0.
Short
LED
protection
is
programmed
by
SLP_MD1:0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com