Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3313GC Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP3313GC
Description  3-Channel, Max 38V Output, Linear/Exponential, Analog Dimming, Step-Up WLED Driver with I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3313GC Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP3313GC Datasheet HTML 3Page - Monolithic Power Systems MP3313GC Datasheet HTML 4Page - Monolithic Power Systems MP3313GC Datasheet HTML 5Page - Monolithic Power Systems MP3313GC Datasheet HTML 6Page - Monolithic Power Systems MP3313GC Datasheet HTML 7Page - Monolithic Power Systems MP3313GC Datasheet HTML 8Page - Monolithic Power Systems MP3313GC Datasheet HTML 9Page - Monolithic Power Systems MP3313GC Datasheet HTML 10Page - Monolithic Power Systems MP3313GC Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
MP3313 – 3-CHANNEL, LINEAR/EXPONENTIAL DIMMING, WLED DRIVER W/ I2C
MP3313 Rev.1.0
www.MonolithicPower.com
7
8/2/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 3.6V, VEN = VPWM = high, typical values are at TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Unit
I2C Interface
Input logic low
VIL
0.4
V
Input logic high
VIH
1.3
V
Output logic low
VOL
ILOAD = 3mA
0.4
V
SCLH clock frequency
fSCL
1200
kHz
Set-up time for (repeated)
start condition
tSU,STA
160
ns
Hold time for (repeated) start
condition
tHD,STA
160
ns
Low time for SCLH clock
tLOW
160
ns
High time for SCLH clock
tHIGH
60
ns
Data set-up time
tSU,DAT
10
ns
Data hold time
tHD,DAT
0(7)
70
ns
Rise time of SCLH clock
tR,SCL
10
40
ns
Rise time of SCLH clock
after repeated start and
acknowledge bit
tR,SCL1
10
80
ns
Fall time of SCLH clock
tF,SCL
10
40
ns
Rise time of SDAH data
tR,SDA
10
80
ns
Fall time of SDAH data
tF,SDA
10
80
ns
Set-up time for stop condition
tSU,STO
160
ns
Capacitive load for SDAH
line and SCLH line
CB (8)
100
pF
Capacitive load for
SDAH+SDA line and
SCLH+SCL line
CB
400
pF
NOTES:
5) Matching is defined as the difference of the maximum to minimum current divided by 2 times average currents.
6) Guaranteed by design.
7) A device must provide a data hold time internally to bridge the undefined part between VIL and VIH of the falling edge of the SCLH signal.
An input circuit with a threshold as low as possible for the falling edge of SCLH signal minimizes the hold time.
8) For the bus line-load CB between 100pF and 400pF, the timing parameters must be increased linearly.
tF,SCL
Sr
SDAH
SCLH
tR,SDA
tR,SCL1
tLOW
tHD,SDA
tSU,SDA
tR,SCL
tLOW
tR,SCL1
Sr
P
Sr: Repeated START Condition
P: STOP Condition
tF,SDA
tHIGH
tHIGH
tHD,STA
tSU,STA
tSU,STA
I2C-Compatible Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com