Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3313GC Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3313GC
Description  3-Channel, Max 38V Output, Linear/Exponential, Analog Dimming, Step-Up WLED Driver with I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3313GC Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP3313GC Datasheet HTML 2Page - Monolithic Power Systems MP3313GC Datasheet HTML 3Page - Monolithic Power Systems MP3313GC Datasheet HTML 4Page - Monolithic Power Systems MP3313GC Datasheet HTML 5Page - Monolithic Power Systems MP3313GC Datasheet HTML 6Page - Monolithic Power Systems MP3313GC Datasheet HTML 7Page - Monolithic Power Systems MP3313GC Datasheet HTML 8Page - Monolithic Power Systems MP3313GC Datasheet HTML 9Page - Monolithic Power Systems MP3313GC Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
MP3313 – 3-CHANNEL, LINEAR/EXPONENTIAL DIMMING, WLED DRIVER W/ I2C
MP3313 Rev1.0
www.MonolithicPower.com
6
8/2/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 3.6V, VEN = VPWM = high, typical values are at TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Unit
Protection
OVP voltage
VOVP
OVP1:0 bit = 00
16
17
18
V
OVP1:0 bit = 01
22
23
24
V
OVP1:0 bit = 10
29
30
31
V
OVP1:0 bit = 11
37
38
39
V
OUT under-voltage
protection
VOUT_UV
1.2
V
Cycle-cycle current limit
ILIM
OCP1:0 bit = 00
0.6
0.75
0.9
A
OCP1:0 bit = 01
0.8
1
1.2
A
OCP1:0 bit = 10
1.0
1.25
1.5
A
OCP1:0 bit = 11
1.2
1.5
1.8
A
LEDX over-voltage threshold
VOVP_LED
4.5
5
5.5
V
LEDX under-voltage
threshold
VLEDX_UV
40
mV
Thermal shutdown threshold
TST
150
°C
Thermal shutdown
hysteresis
25
°C
PWM Input (6)
Minimum PWM frequency
FPWML
50
Hz
Maximum PWM frequency
FPWMH
24MHz sample rate
50
kHz
Minimum on time
TMIN_ON
24MHz sample rate
183.3
ns
4MHz sample rate
1100
ns
800kHz sample rate
5500
ns
Minimum off time
TMIN_OFF
24MHz sample rate
183.3
ns
4MHz sample rate
1100
ns
800kHz sample rate
5500
ns
PWM shutdown time
TPWM_SD
24MHz sample rate
0.6
ms
4MHz sample rate
3
ms
800kHz sample rate
25
ms
PWM input glitch rejection
TGLITCH
FILTER1:0 bit = 01
80
ns
FILTER1:0 bit = 10
160
ns
FILTER1:0 bit = 11
240
ns
Delay time at power-on
TPOWERON
EN power-on to start switching
3.5
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com