Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3313GC Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP3313GC
Description  3-Channel, Max 38V Output, Linear/Exponential, Analog Dimming, Step-Up WLED Driver with I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3313GC Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP3313GC Datasheet HTML 15Page - Monolithic Power Systems MP3313GC Datasheet HTML 16Page - Monolithic Power Systems MP3313GC Datasheet HTML 17Page - Monolithic Power Systems MP3313GC Datasheet HTML 18Page - Monolithic Power Systems MP3313GC Datasheet HTML 19Page - Monolithic Power Systems MP3313GC Datasheet HTML 20Page - Monolithic Power Systems MP3313GC Datasheet HTML 21Page - Monolithic Power Systems MP3313GC Datasheet HTML 22Page - Monolithic Power Systems MP3313GC Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
MP3313 – 3-CHANNEL, LINEAR/EXPONENTIAL DIMMING, WLED DRIVER W/ I2C
MP3313 Rev1.0
www.MonolithicPower.com
19
8/2/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Table 3: Register Mapping
Add
D7
D6
D5
D4
D3
D2
D1
D0
00H
DEV_ID3
DEV_ID2
DEV_ID1
DEV_ID0
REV_ID3
REV_ID2
REV_ID1
REV_ID0
01H
RESERVED
SRST
10H
RESERVED
CH3EN
CH2EN
CH1EN
EN
11H
MAPMD
BRTMD2:0
SLPEN
TSLP2:0
12H
PWMSR1:0
PWM_P
HYS2:0
FILTER1:0
13H
NA
FS_SHFT
FS
L_MIN
OVP1:0
CL1:0
14H
FL_CL
IFL6:0
15H
FS_AUTOH7:0
16H
FS_AUTOL7:0
17H
FL_T3:0
RESERVED
FL_EN
18H
RESERVED
BRT2:0
19H
BRT10:3
1EH
S_TH1:0
SLP_MD1:0
OVP_MD1:0
OTP_SD
OCP_SD
1FH
RESERVED
FT_UVP
FT_OLP
FT_SLP
FT_OTP
FT_OCP
FT_OVP
Table 4: Chip ID Register
Addr: 0x00
Bit
Bit Name
Access
Default
Description
7:4
DEV_ID
r
000
Device ID.
3:0
REV_ID
r
0001
Revision ID.
Table 5: Software Reset Register
Addr: 0x01
Bit
Bit Name
Access
Default
Description
7:1
N/A
r
N/A
Reserved.
0
SRST
r/w
0
Software reset bit.
0: normal operation
1: device resets, all registers are reset to default (this bit automatically
resets back to 0)
Table 6: Enable Register
Addr: 0x10
Bit
Bit Name
Access
Default
Description
7:4
N/A
r
N/A
Reserved.
3
CH3EN
r/w
1
LED3 enable bit.
1: LED3 enabled
0: LED3 disabled
2
CH2EN
r/w
1
LED2 enable bit.
1: LED2 enabled
0: LED2 disabled
1
CH1EN
r/w
1
LED1 enable bit.
1: LED1 enabled
0: LED1 disabled
0
EN
r/w
1
IC enable bit
1: IC enabled
0: IC disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com