Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3313GC Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3313GC
Description  3-Channel, Max 38V Output, Linear/Exponential, Analog Dimming, Step-Up WLED Driver with I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3313GC Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3313GC Datasheet HTML 1Page - Monolithic Power Systems MP3313GC Datasheet HTML 2Page - Monolithic Power Systems MP3313GC Datasheet HTML 3Page - Monolithic Power Systems MP3313GC Datasheet HTML 4Page - Monolithic Power Systems MP3313GC Datasheet HTML 5Page - Monolithic Power Systems MP3313GC Datasheet HTML 6Page - Monolithic Power Systems MP3313GC Datasheet HTML 7Page - Monolithic Power Systems MP3313GC Datasheet HTML 8Page - Monolithic Power Systems MP3313GC Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
MP3313
3-Channel, Max 38V Output,
Linear/Exponential, Analog Dimming,
Step-Up WLED Driver with I2C
MP3313 Rev1.0
www.MonolithicPower.com
1
8/2/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MP3313 is a step-up, white, LED converter.
The MP3313 uses peak-current mode and a
3-channel current sink to regulate the LED
current with up to 25mA on each channel
(100mA at flash mode) with 2.7 - 5.5V input
voltage.
The
MP3313
integrates
a
300m
Ω,
42V
MOSFET and supports selectable over-voltage
protection (17/23/30/38V). The MP3313 can
drive up to 10 LEDs in series for LCD panels
greater than 5”.
The MP3313 achieves ultra-high resolution
analog dimming by converting the pulse-width
input signal or internal register code to an 11-bit
brightness code. The MP3313 is designed with
two types of LED current dimming mapping:
linear and exponential mapping.
An
auto-switching
frequency
function
is
integrated to optimize efficiency performance.
Full protection features include LED open and
short
protection,
cycle-by-cycle
current-limit
protection, and thermal shutdown.
The I2C interface can set the internal register to
program the MP3313 for flexible applications,
such as dimming mode, LED current slope, and
protection threshold.
The MP3313 is available in a small WLCSP-12
(1.3mmx1.7mm) package.
FEATURES
 2.7 - 5.5V Input Voltage
 300mΩ, 42V Internal MOSFET
 3-Channel Current Sink, Each Channel
Enable/Disable Respectively
 LED Current up to 25mA in Backlighting
Mode
 LED Current up to 100mA in Flash Mode
 250µA - 25mA LED Current with ±3%
Accuracy
 ±1% Typical Current Matching
 Linear or Exponential Analog Dimming
 11-Bit Dimming Resolution
 Selectable Switching Frequency: 500kHz or
1MHz with Optional -12% Shift
 Auto-Switching Frequency (250kHz, 500kHz,
1MHz)
 High-Speed I2C Interface (1.2MHz)
 I2C Address External Selectable (A0 Pin)
 Internal Soft Start (SS) to Reduce Inrush
Current
 Current-Limit Protection (0.75/1/1.25/1.5A)
 LED Open Protection (17/23/30/38V)
 LED Short Protection (2/3/5V)
 Available in a WLCSP-12 (1.3mmx1.7mm)
Package
APPLICATIONS
 Smart Phones
 Tablets
 GPS Receivers
 LCD Video Displays with One-Cell Li-Ion
Battery
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS”
and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP3313GC

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3310 MPS-MP3310 Datasheet
359Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
MP3310 MPS-MP3310 Datasheet
460Kb / 11P
47V, 1.3A, Step-up White LED Driver with True PWM Dimming
8/10/2023 Rev. 1.1
MP3310EQ MPS-MP3310EQ Datasheet
359Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
MP3310EQ MPS-MP3310EQ Datasheet
161Kb / 4P
1.3A Step-up White LED Driver Evaluation Board
MP3310EQ MPS-MP3310EQ Datasheet
460Kb / 11P
47V, 1.3A, Step-up White LED Driver with True PWM Dimming
8/10/2023 Rev. 1.1
More results

Similar Description - MP3313GC

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3720 SGMICRO-SGM3720 Datasheet
319Kb / 12P
PWM Dimming, 38V Step-Up LED Driver
SGM3725 SGMICRO-SGM3725 Datasheet
345Kb / 13P
38V Step-Up LED Driver
SGM3727 SGMICRO-SGM3727 Datasheet
367Kb / 13P
High Efficiency 38V Step-Up WLED Driver
SGM3732 SGMICRO-SGM3732 Datasheet
373Kb / 13P
PWM Dimming, 38V Step-Up LED Driver
SGM3735 SGMICRO-SGM3735 Datasheet
343Kb / 13P
38V Step-Up LED Driver
SGM3736 SGMICRO-SGM3736 Datasheet
326Kb / 12P
PWM Dimming, 38V Step-Up LED Driver
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
Boost (Step-up) WLED Driver with OVP
logo
SG Micro Corp
SGM3720 SGMICRO-SGM3720_16 Datasheet
1Mb / 11P
PWM Dimming, 38V Step-Up LED Driver
SGM3736 SGMICRO-SGM3736_15 Datasheet
691Kb / 11P
PWM Dimming, 38V Step-Up LED Driver
SGM3725 SGMICRO-SGM3725_16 Datasheet
1Mb / 13P
38V Step-Up LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com