Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3313GC Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP3313GC
Description  3-Channel, Max 38V Output, Linear/Exponential, Analog Dimming, Step-Up WLED Driver with I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3313GC Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP3313GC Datasheet HTML 14Page - Monolithic Power Systems MP3313GC Datasheet HTML 15Page - Monolithic Power Systems MP3313GC Datasheet HTML 16Page - Monolithic Power Systems MP3313GC Datasheet HTML 17Page - Monolithic Power Systems MP3313GC Datasheet HTML 18Page - Monolithic Power Systems MP3313GC Datasheet HTML 19Page - Monolithic Power Systems MP3313GC Datasheet HTML 20Page - Monolithic Power Systems MP3313GC Datasheet HTML 21Page - Monolithic Power Systems MP3313GC Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
MP3313 – 3-CHANNEL, LINEAR/EXPONENTIAL DIMMING, WLED DRIVER W/ I2C
MP3313 Rev.1.0
www.MonolithicPower.com
18
8/2/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
 SLP_MD1:0 = 00: The short LED fault
detection is disabled.
 SLP_MD1:0 = 01: The short LED fault
detection is enabled, and the FT_SLP is set
when the fault is detected.
 SLP_MD1:0 = 10: The short LED fault
detection is enabled, the FT_SLP is set, and
the string is marked off with the LEDx
voltage that is higher than the threshold.
 SLP_MD1:0 = 11: FT_SLP is set, and the IC
latch off when the fault is detected.
Thermal Shutdown Protection
To prevent the IC from operating at an
exceedingly
high
temperature,
thermal
shutdown is implemented in the MP3313 by
detecting the silicon die temperature. When the
die temperature exceeds the upper threshold
(TST), the IC shuts down and resumes normal
operation when the die temperature drops
below
the
lower
threshold.
Typically,
the
hysteresis value is 25°C. If OTP_SD = 0, the IC
latches off when OTP is triggered.
I2C Chip Address
The 7-bit MSB device address is 0x36 - 0x37
selected by A0. If A0 is floating, it must be pulled
up or down externally to set the address.
After the start condition, the I2C-compatible
master sends a 7-bit address followed by an
eighth read (1) or write (0) bit. The following bit
indicates the register address to or from which
the data is written or read (see Figure 3).
0
A0
1
1
0
1
r/w
1
Figure 3: The I2C Compatible Device Address
To avoid a glitch in the operation, the following
bit changes only when the IC EN bit (0x10,
bit[0]) or the three LED channel enable bits
(0x10, bit[3:1]) are set to 0.
The following bit should contain these bits:
1. Mapping mode bit (MAPMOD, 0x11, bit[7])
2. Brightness mode bits (BRTMD2:0, 0x11,
bit[6:4])
3. Slope enable bit (SLPEN, 0x11, bit[3])
4. Slope time bit (TSLP2:0, 0x11, bit[2:0])
5. PWM sample rate bit (PWMSR1:0, 0x12,
bit[7:6])
6. PWM polarity bit (PWM_P, 0x12, bit[5])
7. PWM hysteresis bit (HYS2:0, 0x12, bit [4:2])
8. PWM filter bit (FILTER1:0, 0x12, bit[1:0])
9. Auto
frequency
high
threshold
bit
(FS_AUTOH7:0, 0x15, bit[7:0])
10. Auto
frequency
low
threshold
bit
(FS_AUTOL7:0, 0x16, bit[7:0])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com