Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3313GC Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3313GC
Description  3-Channel, Max 38V Output, Linear/Exponential, Analog Dimming, Step-Up WLED Driver with I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3313GC Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3313GC Datasheet HTML 1Page - Monolithic Power Systems MP3313GC Datasheet HTML 2Page - Monolithic Power Systems MP3313GC Datasheet HTML 3Page - Monolithic Power Systems MP3313GC Datasheet HTML 4Page - Monolithic Power Systems MP3313GC Datasheet HTML 5Page - Monolithic Power Systems MP3313GC Datasheet HTML 6Page - Monolithic Power Systems MP3313GC Datasheet HTML 7Page - Monolithic Power Systems MP3313GC Datasheet HTML 8Page - Monolithic Power Systems MP3313GC Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MP3313 – 3-CHANNEL, LINEAR/EXPONENTIAL DIMMING, WLED DRIVER W/ I2C
MP3313 Rev1.0
www.MonolithicPower.com
4
8/2/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
VIN ................................................ -0.3V to +6V
VSW ................................................. -1V to +42V
VLED1~3.......................................... -0.3V to +40V
VOUT ................................................ -1V to +40V
All other pins............................... -0.3V to +5.3V
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Continuous power dissipation (TA = 25°C)
(2)
WLCSP-12 (1.3mmx1.7mm) ....................1.14W
Recommended Operating Conditions
(3)
Supply voltage (VIN)..................... 2.7V to 5.5V
Operating junction temp. (TJ) ... -40°C to +125°C
Thermal Resistance
(4)
θJA θJC
WLCSP-12 (1.3mmx1.7mm) ... 110... 12 ... °C/W
NOTE:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum
junction
temperature
TJ
(MAX),
the
junction-to-
ambient thermal resistance θ
JA, and the ambient
temperature TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by PD
(MAX) = (TJ (MAX)-TA)/θJA. Exceeding the maximum allowable
power dissipation produces an excessive die temperature,
causing the regulator to go into thermal shutdown. Internal
thermal shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com