Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3313GC Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP3313GC
Description  3-Channel, Max 38V Output, Linear/Exponential, Analog Dimming, Step-Up WLED Driver with I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3313GC Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP3313GC Datasheet HTML 18Page - Monolithic Power Systems MP3313GC Datasheet HTML 19Page - Monolithic Power Systems MP3313GC Datasheet HTML 20Page - Monolithic Power Systems MP3313GC Datasheet HTML 21Page - Monolithic Power Systems MP3313GC Datasheet HTML 22Page - Monolithic Power Systems MP3313GC Datasheet HTML 23Page - Monolithic Power Systems MP3313GC Datasheet HTML 24Page - Monolithic Power Systems MP3313GC Datasheet HTML 25Page - Monolithic Power Systems MP3313GC Datasheet HTML 26Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
MP3313 – 3-CHANNEL, LINEAR/EXPONENTIAL DIMMING, WLED DRIVER W/ I2C
MP3313 Rev.1.0
www.MonolithicPower.com
22
8/2/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Table 13: Flash Mode Control Register
Addr: 0x17
Bit
Bit Name
Access
Default
Description
7:4
FL_T
r/w
0101
(300ms)
Flash time set register. 50ms/step.
0000: 50ms
0001: 100ms
....
1111: 800ms
3:1
N/A
r
000
Reserved.
0
FL_EN
r/w
0
Backlight flash mode enable bit.
0: disable
1: enable
Automatically resets to 0 when flash timeout or protection is triggered.
Table 14: Brightness Register LSB
Addr: 0x18
Bit
Bit Name
Access
Default
Description
7:3
N/A
r
N/A
Reserved.
2:0
BRT2:0
r/w
111
3-bit LSB of the brightness register.
Table 15: Brightness Register MSB
Addr: 0x19
Bit
Bit Name
Access
Default
Description
7:0
BRT10:3
r/w
11111111
8-bit MSB of the brightness register.
Table 16: Fault Control Register
Addr: 0x1E
Bit
Bit Name
Access
Default
Description
7:6
S_TH
r/w
01
LED short-protection threshold setting. If the LEDx voltage is higher
than the threshold, short protection is triggered.
00: 2V
01: 3V
10: 5V
11: reserved
5:4
SLP_MD
r/w
00
LED short protection mode selection.
00: LED short protection is disabled
01: FT_SLP is set when a fault is detected
10: FT_SLP is set and the fault string is marked off
11: FT_SLP is set and the IC latches off
3:2
OVP_MD
r/w
00
Over-voltage protection mode selection.
00: FT_OVP is set when a fault is detected
01: FT_OVP is set and the open string is marked off
10: FT_OVP is set and the IC latches off
11: reserved
1
OTP_SD
r/w
1
Thermal shutdown latch off disable bit.
0: IC latches off when OTP is triggered
1: no latch off
0
OCP_SD
r/w
1
Over-current protection latch off disable bit.
0: IC latches off when OCP is triggered
1: no latch off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com