Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3336GC Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP3336GC
Description  Dual-Channel, Flash LED Driver with 2A/Ch and I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3336GC Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP3336GC Datasheet HTML 14Page - Monolithic Power Systems MP3336GC Datasheet HTML 15Page - Monolithic Power Systems MP3336GC Datasheet HTML 16Page - Monolithic Power Systems MP3336GC Datasheet HTML 17Page - Monolithic Power Systems MP3336GC Datasheet HTML 18Page - Monolithic Power Systems MP3336GC Datasheet HTML 19Page - Monolithic Power Systems MP3336GC Datasheet HTML 20Page - Monolithic Power Systems MP3336GC Datasheet HTML 21Page - Monolithic Power Systems MP3336GC Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
MP3336 – DUAL-CHANNEL, FLASH LED DRIVER WITH I
2C INTERFACE
MP3336 Rev.1.01
www.MonolithicPower.com
18
5/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Register Mapping
Add
Reg
D7
D6
D5
D4
D3
D2
D1
D0
00H
Chip ID
DEV_ID4
DEV_ID3
DEV_ID2
DEV_ID1
DEV_ID0
REV_ID2
REV_ID1
REV_ID0
01H
Mode
STR_LV
STR_MOD
STR_POL
LED1_EN
LED2_EN
LED_MOD1
LED_MOD0
5V_MOD
02H
Peak
current
NTC_WD2
NTC_WD1
NTC_WD0
IL_PEAK1
IL_PEAK0
FS_SD
BAL_ON
NA
03H
Flash
timer
FL_TIM3
FL_TIM2
FL_TIM1
FL_TIM0
LED_SD
LEDT_SD
SW_FS1
SW_FS0
04H
Low
battery
voltage
VBL_RUN2
VBL_RUN1
VBL_RUN0
VBL_SD
IL_DC3
IL_DC2
IL_DC1
IL_DC0
05H
Indicator
LED_OTA
D
TUP_I2
TUP_I1
TUP_I0
VTH_PAS 1
VTH_PAS2
INDI_PWM1
INDI_PWM0
06H
LED1
flash
current
I1_FL7
I1_FL6
I1_FL5
I1_FL4
I1_FL3
I1_FL2
I1_FL1
I1_FL0
07H
LED2
flash
current
I2_FL7
I2_FL6
I2_FL5
I2_FL4
I2_FL3
I2_FL2
I2_FL1
I2_FL0
08H
TX1MAS
K current
I1_TX7
I1_TX6
I1_TX5
I1_TX4
I1_TX3
I1_TX2
I1_TX1
I1_TX0
09H
TX2MAS
K current
I2_TX7
I2_TX6
I2_TX5
I2_TX4
I2_TX3
I2_TX2
I2_TX1
I2_TX0
0AH
Actual
flash
IFL_ACT7
IFL_ACT6
IFL_ACT5
IFL_ACT4
IFL_ACT3
IFL_ACT2
IFL_ACT1
IFL_ACT0
0BH
Minimum
flash
IFL_MIN7
IFL_MIN6
IFL_MIN5
IFL_MIN4
IFL_MIN3
IFL_MIN2
IFL_MIN1
IFL_MIN0
0CH
LED1
torch
I1_TOR7
I1_TOR6
I1_TOR5
I1_TOR4
I1_TOR3
I1_TOR2
I1_TOR1
I1_TOR0
0DH
LED2
torch
I2_TOR7
I2_TOR6
I2_TOR5
I2_TOR4
I2_TOR3
I2_TOR2
I2_TOR1
I2_TOR0
0EH
Fault
indication
FT_VBATL
FT_OVP
FT_VOSC
FT_LEDSC
FT_OTP
FT_TO
FT_TX
FT_IDC
0FH
Fault
indication
TBK1
TBK0
NA
NA
BAL_1AB2
BAL_2AB1
FT_LEDHOT
FT_LEDOP
Table 2: Chip ID Register
Addr: 0x00
Bit
Bit Name
Access
Default
Description
2:0
REV_ID
R
011
Revision ID.
7:3
DEV_ID
R
00111
Device ID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com