Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3336GC Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP3336GC
Description  Dual-Channel, Flash LED Driver with 2A/Ch and I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3336GC Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP3336GC Datasheet HTML 15Page - Monolithic Power Systems MP3336GC Datasheet HTML 16Page - Monolithic Power Systems MP3336GC Datasheet HTML 17Page - Monolithic Power Systems MP3336GC Datasheet HTML 18Page - Monolithic Power Systems MP3336GC Datasheet HTML 19Page - Monolithic Power Systems MP3336GC Datasheet HTML 20Page - Monolithic Power Systems MP3336GC Datasheet HTML 21Page - Monolithic Power Systems MP3336GC Datasheet HTML 22Page - Monolithic Power Systems MP3336GC Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
MP3336 – DUAL-CHANNEL, FLASH LED DRIVER WITH I
2C INTERFACE
MP3336 Rev.1.01
www.MonolithicPower.com
19
5/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Table 3: Mode Setting Register
Addr: 0x01
Bit
Bit Name
Access
Default
Description
7
STR_LV
RW
1
Flash mode trigger mode with strobe pin signal.
0 = edge sensitive
1 = level sensitive
6
STR_MOD
RW
1
Strobe pin enable bit.
0 = software enable
1 = hardware enable
5
STR_POL
RW
1
Strobe pin signal input active polarity.
0 = active low
1 = active high
4
LED1_EN
RW
0
LED1 current source enable bit.
0 = LED current sink disable
1 = enable
3
LED2_EN
RW
0
LED2 current source enable bit.
0 = LED current sink disable
1 = enable
2:1
LED_MOD
RW
00
Device mode setting bits.
00 = standby/torch mode
01 = indicator mode
10 = assist mode
11 = flash mode
0
5V_MOD
RW
0
5V DC output enable bit.
0 = disable
1 = enable
Table 4: NTC Detection and Current Limit Setting Register
Addr: 0x02
Bit
Bit Name
Access
Default
Description
7:5
NTC_WD
RW
000
NTC pin detection window.
000 = off
001 = 0.6V
010 = 0.67V
……
111 = 1.02V
4:3
IL_PEAK
RW
01
Inductor current limit setting bits.
00 = 2A
01 = 2.5A
10 = 3.5A
11 = 4.5A
2
FS_SD
RW
0
Disable switching frequency stretching down from 1MHz if VIN is
close to VOUT.
0 = enable FS stretching down function
1 = disable FS stretching down function
1
BAL_ON
RW
0
Load balance matching enable bit.
0: LED voltage mismatch auto-balance disabled
1: LED voltage mismatch auto-balance enabled
0
NA
RW
NA
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com