Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3336GC Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3336GC
Description  Dual-Channel, Flash LED Driver with 2A/Ch and I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3336GC Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3336GC Datasheet HTML 7Page - Monolithic Power Systems MP3336GC Datasheet HTML 8Page - Monolithic Power Systems MP3336GC Datasheet HTML 9Page - Monolithic Power Systems MP3336GC Datasheet HTML 10Page - Monolithic Power Systems MP3336GC Datasheet HTML 11Page - Monolithic Power Systems MP3336GC Datasheet HTML 12Page - Monolithic Power Systems MP3336GC Datasheet HTML 13Page - Monolithic Power Systems MP3336GC Datasheet HTML 14Page - Monolithic Power Systems MP3336GC Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
MP3336 – DUAL CHANNEL, FLASH LED DRIVER WITH I
2C INTERFACE
MP3336 Rev.1.01
www.MonolithicPower.com
11
5/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MP3336 is a dual-channel, LED driver with
I2C interface that supports image capture for
camera flash. The MP3336 can work in flash
mode, assist mode, torch mode, indicator mode,
and fixed 5V DC output mode. Table 1 shows
how to set these operation modes.
LED Driver Operation
The MP3336 is a synchronous, current-mode,
PWM, boost converter that can work with
1/2/3/4MHz. The MP3336 regulates the boost
loop by detecting and controlling the headroom
voltage across the current source (VOUT-
VLED1/2).
When the device is enabled by LED_EN, the
synchronous PMOS works with a 250mA
current source first to charge the output
capacitor until VOUT rises above 2.3V. The
device changes to boost switching mode if the
voltage across the current source is less than
the target reference, which is set by VTH_PAS.
If VIN is very close to VOUT, the IC switches to
boost
switching
mode
and
pass
mode
automatically to minimize power loss. In pass
mode, the synchronous PMOS is fully turned on.
During the current start-up, the current ramps
up step-by-step smoothly until the target setting
current is reached.
Table 1: Operation Mode Setting
Configuration
Mode
TX
TOR
STR
(6)
LED1/2_EN
STR_MOD
5V_MOD
LED_MOD
X
High
Float
1
X
X
00
Torch
X
X
Float
1
X
X
10
Assist
X
X
X
1
X
X
01
Indicator
0
X
High
1
1
X
11
Flash
1
X
High
1
1
X
11
Flash
X
X
X
1
0
X
11
Flash
X
X
X
X
X
1
X
5V
NOTE:
6) STR is high active when STR_POL = 1. STR is low active when STR_POL = 0. Table 1 is based on STR_POL = 1.
Standby Mode
By default, if VIN is higher than UVLO and EN is
pulled high, the device enters standby mode. In
this mode, only the I2C is active and ready to
communicate with the host.
Torch Mode
In standby mode, if TOR goes from low to high,
the device changes to torch mode and the
current ramps up step-by-step to the target
current after setting the LED1/2_EN bits to 1.
The target current for the LED can be set
through registers I1_TOR and I2_TOR. The
ramp-up slew rate can be set by the register
TUP_I. The current can be disabled by pulling
TOR to low or by setting the LED1/2_EN bits to
0. These two bits control the two LED current
sources respectively. By pulling TOR low, the
LED1/2_EN and LED_MOD bits reset to the
default automatically if LED_SD is 0 (see Figure
2).
Figure 2: Torch Mode
Assist Mode
To enter assist mode, set the LED_MOD
register to 10 and LED1/2_EN to 1. The current
ramps up to the target value, which is set by
I1_TOR and I2_TOR. The ramp-up slew rate
can be set by register TUP_I. The current can
be disabled by switching to standby mode or by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com