Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3336GC Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP3336GC
Description  Dual-Channel, Flash LED Driver with 2A/Ch and I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3336GC Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP3336GC Datasheet HTML 10Page - Monolithic Power Systems MP3336GC Datasheet HTML 11Page - Monolithic Power Systems MP3336GC Datasheet HTML 12Page - Monolithic Power Systems MP3336GC Datasheet HTML 13Page - Monolithic Power Systems MP3336GC Datasheet HTML 14Page - Monolithic Power Systems MP3336GC Datasheet HTML 15Page - Monolithic Power Systems MP3336GC Datasheet HTML 16Page - Monolithic Power Systems MP3336GC Datasheet HTML 17Page - Monolithic Power Systems MP3336GC Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
MP3336 – DUAL-CHANNEL, FLASH LED DRIVER WITH I
2C INTERFACE
MP3336 Rev.1.01
www.MonolithicPower.com
14
5/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Figure 9: Software and Edge Trigger Flash Mode
Torch Mode to Flash Mode
The MP3336 can switch to flash mode from
torch mode directly when STR goes from low to
high if STR_MOD = 1. After flash, the operation
functions the same way as in flash mode (see
Figure 10).
Setting Time
Figure 10: Torch Mode to Flash Mode
Assist Mode to Flash Mode
During assist light mode, the device can switch
to flash mode from assist mode directly when
STR goes from low to high if STR_MOD = 1.
After flash, the operation functions the same
way as in flash mode (see Figure 11).
Setting Time
Figure 11: Assist Mode to Flash Mode
5V DC Output Mode
If 5V_MOD is set to 1, the device can work in a
fixed 5V output mode, and the control loop is
taken over by the voltage loop (see Figure 12).
The LED current sources can still output a
current if the mode conditions are met as
described above. Care must be taken to ensure
that the thermal condition is normal, since 5V
directly powers the LED. It is recommend to set
LED1/2_EN to 0 during 5V mode.
Figure 12: 5V DC Mode
Maximum Switching Frequency Setting
The maximum switching frequency can be
selected by the SW_FS bits when working in
boost mode. 1 /2 /3 /4MHz can be selected to
optimize efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com