Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3336GC Datasheet(PDF) 25 Page - Monolithic Power Systems

Part # MP3336GC
Description  Dual-Channel, Flash LED Driver with 2A/Ch and I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3336GC Datasheet(HTML) 25 Page - Monolithic Power Systems

Back Button MP3336GC Datasheet HTML 19Page - Monolithic Power Systems MP3336GC Datasheet HTML 20Page - Monolithic Power Systems MP3336GC Datasheet HTML 21Page - Monolithic Power Systems MP3336GC Datasheet HTML 22Page - Monolithic Power Systems MP3336GC Datasheet HTML 23Page - Monolithic Power Systems MP3336GC Datasheet HTML 24Page - Monolithic Power Systems MP3336GC Datasheet HTML 25Page - Monolithic Power Systems MP3336GC Datasheet HTML 26Page - Monolithic Power Systems MP3336GC Datasheet HTML 27Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
MP3336 – DUAL-CHANNEL, FLASH, LED DRIVER WITH I
2C INTERFACE
MP3336 Rev.1.01
www.MonolithicPower.com
25
5/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. The input capacitor
impedance at the switching frequency should be
less than the input source impedance to prevent
the
high-frequency
switching
current
from
passing through to the input. Ceramic capacitors
with X5R or X7R dielectrics are recommended
for their low ESR and small temperature
coefficients. A capacitor with a higher value can
help reduce input voltage ripple and noise. For
most applications, a 10μF ceramic capacitor is
sufficient.
Selecting the Inductor
The converter requires an inductor to supply a
higher output voltage while being driven by the
input voltage. An inductor with a larger value
results in less ripple current, a lower peak
inductor current, and reduced stress on the
internal N-channel MOSFET, but also has a
larger physical size, higher series resistance, and
lower saturation current.
Choose an inductor that does not saturate under
the worst-case load conditions. Select the
minimum inductor value to ensure that the boost
converter works in continuous conduction mode
with high efficiency and good EMI performance.
Calculate the required inductance value using
Equation (2) and Equation (3):
2
OUT
SW
LOAD
η V
D (1D)
L
2
f
I

 

(2)
IN
OUT
V
D1
V

(3)
Where VIN and VOUT are the input and output
voltages, fSW is the switching frequency, ILOAD is
the LED load current, and η is the efficiency.
The switching current is used for peak-current
mode control. To avoid hitting the current limit,
the worst-case inductor peak current should be
less than 80% of the current-limit ILIM. For most
applications, 0.47µH~2µH inductor is sufficient.
Selecting the Output Capacitor
The output capacitor keeps the output voltage
ripple small and ensures feedback loop stability.
The output capacitor impedance must be low at
the switching frequency. Ceramic capacitors with
X7R dielectrics are recommended for their low
ESR characteristics. Ensure that the ceramic
capacitance is dependent on the voltage rating.
The DC bias voltage and the value can lose as
much as 50% of their capacitance at the rated
voltage rating. Ensure that enough of a voltage
rating margin is left when selecting the
component. A capacitance that is too low can
cause loop instability. For most applications, a
10μF ceramic capacitor is sufficient.
PCB Layout Guidelines
Efficient PBC layout is critical for stable operation.
For best results, follow the guidelines below.
1. Place a ceramic capacitor close to VIN.
2. Use a wider copper wire for input, output, and
GND to improve thermal performance.
3. Put as many vias close to GND at the output
and input capacitors as possible to improve
thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com