Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3336GC Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3336GC
Description  Dual-Channel, Flash LED Driver with 2A/Ch and I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3336GC Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3336GC Datasheet HTML 9Page - Monolithic Power Systems MP3336GC Datasheet HTML 10Page - Monolithic Power Systems MP3336GC Datasheet HTML 11Page - Monolithic Power Systems MP3336GC Datasheet HTML 12Page - Monolithic Power Systems MP3336GC Datasheet HTML 13Page - Monolithic Power Systems MP3336GC Datasheet HTML 14Page - Monolithic Power Systems MP3336GC Datasheet HTML 15Page - Monolithic Power Systems MP3336GC Datasheet HTML 16Page - Monolithic Power Systems MP3336GC Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
MP3336 – DUAL-CHANNEL, FLASH LED DRIVER WITH I
2C INTERFACE
MP3336 Rev.1.01
www.MonolithicPower.com
13
5/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Figure 6: Hardware and Level Trigger Flash
Mode without Time-Out
Figure 7: Hardware and Level Trigger Flash
Mode with Time-Out
2. Hardware and Edge Trigger Mode
In this mode, STR_MOD = 1, STR_LV = 0,
LED1/2_EN = 1, and LED_MOD = 11. The flash
current begins to ramp up after STR goes high.
The current is set by I1_FL and I2_FL, and the
ramp-up time is set by TUP_I. The flash current
ends when the flash timer set by FL_TIM ends.
After the flash, the LED_MOD is reset to
standby mode, and LED1/2_EN is set to 0 if
LED_SD = 0. If LED_SD = 1, the mode and
LED_MOD and LED1/2_EN are not reset. The
LED1 and LED2 current sources are controlled
by
the
LED1_EN
and
LED2_EN
bits
respectively (see Figure 8).
Figure 8: Hardware and Edge Trigger Flash Mode
3. Software and Edge Trigger Mode
In this mode, without STR, STR_MOD = 0,
LED1/2_EN = 1, and LED_MOD = 11. The
current is set by I1_FL and I2_FL, and the
ramp-up time is set by TUP_I. The flash current
ends when the flash timer set by FL_TIM ends.
After the flash, the LED_MOD is reset to
standby mode if LED1/2_EN is set to 0 with
LED_SD = 0. If LED_SD = 1, the LED_MOD is
not reset if ILED1/2_EN is set to 0. The LED1
and LED2 current sources are controlled by the
LED1_EN and LED2_EN bits respectively (see
Figure 9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com