Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3336GC Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3336GC
Description  Dual-Channel, Flash LED Driver with 2A/Ch and I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3336GC Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3336GC Datasheet HTML 8Page - Monolithic Power Systems MP3336GC Datasheet HTML 9Page - Monolithic Power Systems MP3336GC Datasheet HTML 10Page - Monolithic Power Systems MP3336GC Datasheet HTML 11Page - Monolithic Power Systems MP3336GC Datasheet HTML 12Page - Monolithic Power Systems MP3336GC Datasheet HTML 13Page - Monolithic Power Systems MP3336GC Datasheet HTML 14Page - Monolithic Power Systems MP3336GC Datasheet HTML 15Page - Monolithic Power Systems MP3336GC Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
MP3336 – DUAL-CHANNEL, FLASH LED DRIVER WITH I
2C INTERFACE
MP3336 Rev.1.01
www.MonolithicPower.com
12
5/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
setting the LED1/2_EN bits to 0. These two bits
control
the
two
LED
current
sources
respectively (see Figure 3).
Figure 3: Assist Mode
Indicator Mode
When LED_MOD is set to 01 and LED_EN1/2
is set to 1, the MP3336 enters indicator mode,
which provides a low-current output (see Figure
4). In this mode, the driver current sources work
in a 31.5kHz PWM dimming mode. The current
amplitude can be set by I1_TOR and I2_TOR,
while the indicator current step ramps up more
quickly at a rate of 7.84mA/step, compared to
torch mode’s ramp-up rate of 1.25mA/step. The
final amplitude in this mode can be calculated
with Equation (1):
7.84mA x I1/2_TOR
(1)
The duty cycle is set by the INDI_PWM register.
When disabled, switch to standby mode or set
the LED1_EN and LED2_EN bits to 0.
Figure 4: Indicator Mode
In indicator mode, the MP3336 can also work in
blinking mode. If blinking is enabled, the IC
works in indicator mode during the blinking time,
and the LED current source is disabled during
the blinking time (see Figure 5). The blinking
time is set by the TBK0-1 bits in register 0FH.
Figure 5: Blinking Time
Flash Mode
The device can work in flash mode in three
ways: hardware and level trigger mode,
hardware and edge trigger mode, and software
and edge trigger mode. All of the below
description are based on bit STR_POL = 1. The
default high level is active for STR. When
STR_POL is set to 0, STR is low active.
1. Hardware and Level Trigger Mode
In this mode, STR_MOD = 1, STR_LV = 1,
LED1/2_EN = 1, LED_MOD = 11. The flash
current begins to ramp up after STR goes high.
The current is set by I1_FL and I2_FL, and the
ramp-up time is set by TUP_I. The flash current
ends when STR is pulled low or when the flash
timer ends. After flash, LED_MOD is reset to
standby mode, and LED1/2_EN is set to 0 if
LED_SD = 0. If LED_SD = 1, LED_MOD and
LED1/2_EN are not reset. The LED1 and LED2
current sources are controlled by the LED1_EN
and LED2_EN bits respectively. If the STR is
pulled low before the flash timer ends, the flash
current shuts down at the STR falling edge (see
Figure 6). Conversely, if the flash timer set by
FL_TIM ends before STR goes low, the flash
current terminates immediately. The time-out
indicator bit FT_TO is set to 1 and is not
cleared until it is read back or the input power
resets (see Figure 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com