Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3336GC Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3336GC
Description  Dual-Channel, Flash LED Driver with 2A/Ch and I2C Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3336GC Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP3336GC Datasheet HTML 2Page - Monolithic Power Systems MP3336GC Datasheet HTML 3Page - Monolithic Power Systems MP3336GC Datasheet HTML 4Page - Monolithic Power Systems MP3336GC Datasheet HTML 5Page - Monolithic Power Systems MP3336GC Datasheet HTML 6Page - Monolithic Power Systems MP3336GC Datasheet HTML 7Page - Monolithic Power Systems MP3336GC Datasheet HTML 8Page - Monolithic Power Systems MP3336GC Datasheet HTML 9Page - Monolithic Power Systems MP3336GC Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
MP3336 – DUAL-CHANNEL, FLASH LED DRIVER WITH I
2C INTERFACE
MP3336 Rev.1.01
www.MonolithicPower.com
6
5/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 3.6V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Protection
Flash time-out time
tTIMEOUT
Time setting code = 0001
190
200
210
ms
Input DC current limit
ILIMIT_IN
Current setting code = 0010
1.5
A
Over-voltage threshold
VOVP
5.335
5.5
5.665
V
LED1/2 short detection
voltage
VLED_ST
1
V
VOUT short blanking time
TOUT_ST
VOUT < 1V
5
ms
PMOS charge current
VOUT = 1V
250
mA
LED1/2 open detection
voltage
VLED_OP
110
mV
Thermal shutdown threshold
Tj_SD
150
°C
Adaptive thermal threshold
130
°C
NTC detection voltage
VNTC
Code setting = 001
0.6
V
Code setting = 111
1.02
V
Low battery threshold
VBAT_LOW
Code setting = 000
3
V
Code setting = 110
3.6
V
I
2C Interface
Input logic low
VIL
0.4
V
Input logic high
VIH
1.3
V
Output logic low
VOL
ILOAD = 3mA
0.4
V
SCL clock frequency
FSCL
400
kHz
SCL high time
THIGH
0.6
μs
SCL low time
TLOW
1.3
μs
Data setup time
TSU,DAT
100
ns
Data hold time
THD,DAT
0
0.9
μs
Setup time for repeated start
TSU,STA
0.6
μs
Hold time for start
THD,STA
0.6
μs
Bus free time between a
start and a stop condition
TBUF
1.3
μs
Setup time for stop condition
TSU,STO
0.6
μs
Rise time of SCL and SDA
TR
20+0.1*CB
300
ns
Fall time of SCL and SDA
TF
20+0.1*CB
300
ns
Pulse width of suppressed
spike
TSP
0
50
ns
Capacitance bus for each
bus line
CB
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com