Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3387A Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3387A
Description  6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3387A Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3387A Datasheet HTML 1Page - Monolithic Power Systems MP3387A Datasheet HTML 2Page - Monolithic Power Systems MP3387A Datasheet HTML 3Page - Monolithic Power Systems MP3387A Datasheet HTML 4Page - Monolithic Power Systems MP3387A Datasheet HTML 5Page - Monolithic Power Systems MP3387A Datasheet HTML 6Page - Monolithic Power Systems MP3387A Datasheet HTML 7Page - Monolithic Power Systems MP3387A Datasheet HTML 8Page - Monolithic Power Systems MP3387A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP3387A ― 6-STRINGS, MAX 80MA/STRING, STEP-UP, WHITE LED DRIVER
MP3387A Rev. 1.0
www.MonolithicPower.com
5
5/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 5V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Operating input voltage
VIN
3
26
V
Supply current (quiescent)
IQ
VIN = 12V, VEN = 5V,
no load
1.6
mA
Supply current (shutdown)
IST
VEN = 0V, VIN = 12V
1
μA
LDO output voltage
VCC
VEN = 5V, 6V < VIN < 26V,
0 < IVCC < 10mA
4.5
5
5.5
V
VCC UVLO threshold
VIN_UVLO
Rising edge
2.4
2.55
2.7
V
VCC UVLO hysteresis
100
mV
EN on threshold
VEN_ON
VEN rising
1.5
V
EN off threshold
VEN_OFF
VEN falling
0.6
V
Step-Up Converter
SW on resistance
RDS(ON)
IDS = 20mA
0.18
0.3
SW leakage current
ISW_LK
VSW = 45V
1
μA
Switching frequency
FSW
RFREQ = 49.9kΩ
0.82
1.25
1.43
MHz
RFREQ = 100kΩ
532
625
718
kHz
Maximum duty cycle
DMAX
90
93
96
%
SW current limit
ISW_LIMIT
Duty = 90%
2
2.5
A
COMP transconductance
GCOMP
∆ICOMP = ±10μA
180
μA/V
COMP source current limit
ICOMP_SOLI
1V < COMP < 2.9V
78
μA
COMP sink current limit
ICOMP_SILI
1V < COMP < 2.9V
28
μA
Current Dimming
PWMI input low threshold
VPWMI_LO
VPWM falling
0.4
V
PWMI input high threshold
VPWMI_HI
VPWM rising
1.5
V
MIX input low threshold
VMIX_LO
VMIX falling
0.4
V
MIX input high threshold
VMIX_HI
VMIX rising
1.5
V
PWMI
dimming
output
frequency
FPWMO
24
27.5
kHz
PWMI dimming input transfer
point
25
%
PWMI dimming transfer point
hysteresis
0.2
%
PWMI leakage current
IPWMI_LK
VPWMI = 5V
10
15
μA
VPWMI = 0V
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com