Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3387A Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP3387A
Description  6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3387A Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP3387A Datasheet HTML 4Page - Monolithic Power Systems MP3387A Datasheet HTML 5Page - Monolithic Power Systems MP3387A Datasheet HTML 6Page - Monolithic Power Systems MP3387A Datasheet HTML 7Page - Monolithic Power Systems MP3387A Datasheet HTML 8Page - Monolithic Power Systems MP3387A Datasheet HTML 9Page - Monolithic Power Systems MP3387A Datasheet HTML 10Page - Monolithic Power Systems MP3387A Datasheet HTML 11Page - Monolithic Power Systems MP3387A Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MP3387A ― 6-STRINGS, MAX 80MA/STRING, STEP-UP, WHITE LED DRIVER
MP3387A Rev. 1.0
www.MonolithicPower.com
8
5/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
EN
Enable control input. EN is weakly pulled low internally.
2
FREQ
Switching frequency setting. Connect a resistor between FREQ and GND to set the
converter’s switching frequency.
3, 7, 8,
21
NC
No connection. Leave NC floating.
4
MIX
Dimming mode selection. Pull MIX high to select combined analog and PWM dimming
mode with a 25% transfer point. Pull MIX low to select direct PWM dimming mode. MIX is
pulled high by default.
5
AGND
Analog ground.
6
PWMI
PWM signal input. Apply a PWM signal on PWMI for brightness control. A 100Hz to
20kHz dimming signal is recommended. PWMI is weakly pulled low internally.
9
LED6
LED string 6 current input. LED6 is the open-drain output of an internal dimming control
switch. Connect the LED string 6 cathode to LED6.
10
LED5
LED string 5 current input. LED5 is the open-drain output of an internal dimming control
switch. Connect the LED string 5 cathode to LED5.
11
ISET
LED current setting. Tie a current setting resistor from ISET to GND to program the
current in each LED string.
12
LED4
LED string 4 current input. LED4 is the open-drain output of an internal dimming control
switch. Connect the LED string 4 cathode to LED4.
13
LED3
LED string 3 current input. LED3 is the open-drain output of an internal dimming control
switch. Connect the LED string 3 cathode to LED3.
14
LED2
LED string 2 current input. LED2 is the open-drain output of an internal dimming control
switch. Connect the LED string 2 cathode to LED2.
15
LED1
LED string 1 current input. LED1 is the open-drain output of an internal dimming control
switch. Connect the LED string 1 cathode to LED1.
16
OVP
Over-voltage protection input. Connect a resistor divider from the output to OVP to
program the OVP threshold.
17
PGND1 Step-up converter power ground. PGND1 and PGND2 should be shorted externally.
18
PGND2 Step-up converter power ground. PGND2 and PGND1 should be shorted externally.
19
LX2
Step-up converter power switch output. LX2 is the drain of the internal MOSFET
switch. Connect the power inductor and output rectifier to LX2. LX2 and LX1 should be
shorted externally.
20
LX1
Step-up converter power switch output. LX1 is the drain of the internal MOSFET
switch. Connect the power inductor and output rectifier to LX1. LX1 and LX2 should be
shorted externally.
22
COMP
Step-up converter compensation. COMP is used to compensate the regulation control
loop. Connect a capacitor or a series R-C network from COMP to GND.
23
VIN
Power supply input. VIN supplies power to the IC. Drive VIN with a 3V to 26V power
source. VIN must be bypassed locally.
24
VCC
Internal 5V linear regulator output. VCC provides a power supply for the internal
MOSFET switch gate driver and the internal control circuitry. Bypass VCC to GND with a
ceramic capacitor. If VIN is less than 5.5V, tie VIN and VCC together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com