Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3387A Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3387A
Description  6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3387A Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3387A Datasheet HTML 6Page - Monolithic Power Systems MP3387A Datasheet HTML 7Page - Monolithic Power Systems MP3387A Datasheet HTML 8Page - Monolithic Power Systems MP3387A Datasheet HTML 9Page - Monolithic Power Systems MP3387A Datasheet HTML 10Page - Monolithic Power Systems MP3387A Datasheet HTML 11Page - Monolithic Power Systems MP3387A Datasheet HTML 12Page - Monolithic Power Systems MP3387A Datasheet HTML 13Page - Monolithic Power Systems MP3387A Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MP3387A ― 6-STRINGS, MAX 80MA/STRING, STEP-UP, WHITE LED DRIVER
MP3387A Rev. 1.0
www.MonolithicPower.com
10
5/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MP3387A employs a peak current as its PWM
mode architecture and has 6-channel current
sources to regulate the array of 6-string white LEDs.
Internal 5V Regulator
The MP3387A includes an internal linear
regulator (VCC). When VIN is greater than 5.5V,
this regulator offers a 5V power supply for the
internal MOSFET switch-gate driver and the
internal control circuitry. The VCC voltage drops
to 0V when the chip shuts down. If VIN is
smaller than 5.5V, tie VCC and VIN together.
The MP3387A features under-voltage lockout
(UVLO), which disables the chip until VCC
exceeds the UVLO threshold. The hysteresis of
UVLO is 100mV, approximately.
System Start-Up
When enabled, the MP3387A checks the
topology connection first. The chip monitors the
over-voltage protection (OVP) pin to determine
whether the Schottky diode is connected or
whether the boost output is shorted to GND. An
OVP voltage less than 80mV will fail to switch.
The MP3387A also checks other safety limits,
including
UVLO
and
over-temperature
protection (OTP). If detections of all protections
pass, the chip then begins boosting the step-up
converter with an internal soft start.
It is recommended that the enable signal occur
after the establishment of the input voltage and
PWM dimming signal during the start-up
sequence to prevent a large inrush current.
Step-Up Converter
The
converter
operating
frequency
is
programmed
with
an
external
resistor
connected to OSC. This helps optimize
efficiency and the size of the external
components.
At the beginning of each switching cycle, the
internal clock turns on the low side MOSFET. In
normal operation, the minimum turn-on time is
100ns. A stabilizing ramp added to the output of
the
current
sense
amplifier
prevents
subharmonic oscillations for duty cycles greater
than 50%. This result is fed into the PWM
comparator.
When
this
resulting
voltage
reaches the output voltage of the error amplifier
(VCOMP), the low side MOSFET turns off.
The output voltage of the internal error amplifier
is an amplified signal of the difference between
the reference voltage and the feedback voltage.
The converter chooses the lowest active LEDX
pin voltage automatically to provide a bus
voltage high enough to power all of the LED
arrays.
If the feedback voltage drops below the
reference, the output of the error amplifier
increases. This results in more current flowing
through the MOSFET, which increases the
power delivered to the output. This forms a
closed loop that regulates the output voltage.
Under light-load operation, especially in the
case of VOUT ≈ VIN, the converter runs in pulse-
skipping mode. In this mode, the MOSFET
turns
on
for
a
minimum
on-time
of
approximately 100ns, and then the converter
discharges the power to the output for the
remaining period. The low side MOSFET
remains off until the output voltage needs to be
boosted again.
Dimming Control
The MP3387A provides two dimming methods:
direct PWM dimming mode or combined analog
and PWM dimming mode.
If MIX is pulled high, the MP3387A works in
combined analog and PWM dimming mode with
25% as its transfer point. By default, MIX is
pulled high. A PWM signal is applied to PWMI.
When the duty cycle of the PWM dimming
signal is ≥25%, the IC dims the LED current
with analog mode and the LED current
amplitude is equal to ISET*DDIM (where ISET is the
LED current set by the resistor connected to
ISET, and DDIM is the duty cycle of PWM
dimming signal). Analog dimming helps reduce
LED power loss and prevent audible noise
issues.
When the duty cycle of the PWM dimming
signal is <25%, the IC dims the LED current in
PWM mode. The LED current amplitude is fixed
at 25%*ISET, while the LED dimming duty is four
times DDIM to make the actual average LED
current equal to ISET*DDIM. The actual LED
current
dimming
frequency
is
switched
automatically from 100Hz ~ 20kHz to 24kHz ~
27.5kHz of the input PWM dimming signal
frequency. By doing this, the MP3387A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com