Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3387A Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3387A
Description  6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3387A Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3387A Datasheet HTML 8Page - Monolithic Power Systems MP3387A Datasheet HTML 9Page - Monolithic Power Systems MP3387A Datasheet HTML 10Page - Monolithic Power Systems MP3387A Datasheet HTML 11Page - Monolithic Power Systems MP3387A Datasheet HTML 12Page - Monolithic Power Systems MP3387A Datasheet HTML 13Page - Monolithic Power Systems MP3387A Datasheet HTML 14Page - Monolithic Power Systems MP3387A Datasheet HTML 15Page - Monolithic Power Systems MP3387A Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP3387A ― 6-STRINGS, MAX 80MA/STRING, STEP-UP, WHITE LED DRIVER
MP3387A Rev. 1.0
www.MonolithicPower.com
13
5/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Selecting the Dimming Control Mode
The MP3387A provides two different dimming
methods: direct PWM dimming and combined
analog and PWM dimming.
1) Direct PWM Dimming
Pull MIX low to operate the MP3387A in direct
PWM dimming mode. Apply a PWM dimming
signal to PWMI. The LED current is fixed to ISET.
The output LED current is chopped following the
direct PWM dimming signal duty cycle and
frequency. The average output current is equal to
ISET*DDIM. The input PWM dimming frequency
depends on the LED current dimming ratio. A
lower input PWM dimming frequency results in a
better LED dimming ratio. Usually, a 200Hz to
2kHz PWM signal is sufficient for most
applications.
2) Combined Analog and PWM Dimming
Pull MIX high to operate the MP3387A in
combined analog and PWM dimming mode with
25% as its transfer point. In default, MIX is pulled
high. A PWM signal is applied to PWMI. When
the duty cycle of the PWM dimming signal is
≥25%, the IC dims the LED current with analog
mode, and the LED current amplitude is equal to
ISET*DDIM (where ISET is the LED current set by
resistor connected to ISET, and DDIM is the duty
cycle of PWM dimming signal). Analog dimming
helps reduce LED power loss and prevent
audible noise issues. When the duty cycle of the
PWM dimming signal is <25%, the IC dims the
LED current in PWM mode. The LED current
amplitude is fixed to 25%*ISET, while the LED
dimming duty is four times DDIM to make the
actual average LED current equal to ISET*DDIM.
The actual LED current dimming frequency is
switched automatically from 100Hz ~ 20kHz to
24kHz ~ 27.5kHz of the input PWM dimming
signal frequency. By doing this, the MP3387A
can improve the low LED current dimming ratio
and prevent troublesome audible noise issues.
PCB Layout Guidelines
Careful attention must be paid to the PCB board
layout and component placement. Proper layout
of the high frequency switching path is critical to
prevent noise and electromagnetic interference
problems. For best results, refer to Figure 2 and
follow the guidelines below.
1.
Keep the loop of LX to PGND (U1), the output
diode (D1), and the output capacitor (C2) as
short as possible, since it is flowing with high
frequency pulse current.
2.
Connect the IC’s exposed pad to GND
internally.
3. Refer all logic signals to GND.
4.
Connect PGND to GND externally.
5.
Keep PGND away from the logic signals.
Figure 2: Recommended Layout
LX
PGND
GND
D1
C2
R1
Iset
Rset
U1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com