Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3387A Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3387A
Description  6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3387A Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3387A Datasheet HTML 1Page - Monolithic Power Systems MP3387A Datasheet HTML 2Page - Monolithic Power Systems MP3387A Datasheet HTML 3Page - Monolithic Power Systems MP3387A Datasheet HTML 4Page - Monolithic Power Systems MP3387A Datasheet HTML 5Page - Monolithic Power Systems MP3387A Datasheet HTML 6Page - Monolithic Power Systems MP3387A Datasheet HTML 7Page - Monolithic Power Systems MP3387A Datasheet HTML 8Page - Monolithic Power Systems MP3387A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP3387A
6-String, Max 80mA/String,
Step-Up, White LED Driver with
Combined Analog and PWM Dimming
MP3387A Rev. 1.0
www.MonolithicPower.com
1
5/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3387A is a step-up converter with 6-
channel current sources designed to drive white
LED arrays for backlighting in mid- to large-
sized LCD panels.
The MP3387A uses peak-current mode as its
PWM
control
architecture.
The
switching
frequency can be programmed by a resistor.
The MP3378M generates an output voltage up
to 45V from a 3V-to-26V input supply. The
MP3387A regulates the current in each LED
string independently to the value set by an
external current-setting resistor.
The MP3387A applies six internal current
sources in each LED string terminal to achieve
a current balance with 1.5% current regulation
accuracy between strings. Its low 500mV
regulation voltage on the LED current sources
reduces power loss.
The MP3387A features external digital PWM
dimming and analog dimming, both of which
share a single input with a 25% PWM duty
cycle as a transfer point. The mix-dimming
strategy helps improve the dimming ratio. The
MP3387A also transfers the PWM input signal
from a 100Hz-to-20kHz frequency to 24kHz to
27.5kHz automatically to eliminate audible
noise.
Full protection features include recoverable
over-current protection (OCP), over-voltage
protection (OVP), over-temperature protection
(OTP), and short and open protection of any
string on the LED.
The MP3387A is available in a TQFN-24
(4mmx4mm) package.
FEATURES
 6-String, Max 80mA/String
 3V to 26V Input Voltage Range
 1.5% Current Matching Accuracy between
Strings
 Programmable Switching Frequency
 Selectable Combined Analog and PWM
Dimming Mode or Direct PWM Dimming
Mode
 Combined Analog and PWM Dimming Mode
with 25% Dimming Transfer Point
 24kHz
to
27.5kHz
Output
Dimming
Frequency to Eliminate Audible Noise
 Cascading Capability with a Single Power
Source
 Programmable
Over-Voltage
Protection
(OVP)
 Recoverable Thermal Shutdown Protection
 Cycle-by-Cycle
Over-Current
Protection
(OCP)
 Under-Voltage Lockout (UVLO)
 Available in a TQFN-24 (4mmx4mm)
Package
APPLICATIONS
 Notebook PC
 Small LCD TV
 Handheld Terminal Display
 Automotive System and Tablet Computer
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality
Assurance. “MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.


Similar Part No. - MP3387A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3387L MPS-MP3387L Datasheet
821Kb / 14P
Step-up, 6 strings, Max.45mA/string, Combined Analog and PWM dimming, White LED Driver
MP3387LGRT MPS-MP3387LGRT Datasheet
821Kb / 14P
Step-up, 6 strings, Max.45mA/string, Combined Analog and PWM dimming, White LED Driver
MP3387LGRT MPS-MP3387LGRT Datasheet
595Kb / 6P
6 strings Boost White LED Driver Evaluation Board
More results

Similar Description - MP3387A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61196 TI-TPS61196 Datasheet
1Mb / 30P
6-String 400-mA WLED Driver with Independent PWM Dimming for Each String
logo
Monolithic Power System...
MP3388S MPS-MP3388S Datasheet
477Kb / 15P
50V, 8-String, Step-Up, White LED Driver
MP3394 MPS-MP3394 Datasheet
401Kb / 17P
Step-up, 4-String Max 200mA/String White LED Driver
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
Step-Up, 4-String Max 200mA/String White LED Driver
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
Step-Up, 4-String Max 350mA/String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
6 String White LED Driver
logo
Monolithic Power System...
MPQ3387L MPS-MPQ3387L Datasheet
487Kb / 17P
Step-up, 6 strings, Max. 45mA/string, Combined Analog and PWM dimming, White LED Driver AEC-Q100 Qualified
MP3387L MPS-MP3387L Datasheet
821Kb / 14P
Step-up, 6 strings, Max.45mA/string, Combined Analog and PWM dimming, White LED Driver
MP3398A MPS-MP3398A Datasheet
1,022Kb / 20P
Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
MP3398D MPS-MP3398D Datasheet
879Kb / 19P
4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com