Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3387A Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP3387A
Description  6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3387A Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP3387A Datasheet HTML 8Page - Monolithic Power Systems MP3387A Datasheet HTML 9Page - Monolithic Power Systems MP3387A Datasheet HTML 10Page - Monolithic Power Systems MP3387A Datasheet HTML 11Page - Monolithic Power Systems MP3387A Datasheet HTML 12Page - Monolithic Power Systems MP3387A Datasheet HTML 13Page - Monolithic Power Systems MP3387A Datasheet HTML 14Page - Monolithic Power Systems MP3387A Datasheet HTML 15Page - Monolithic Power Systems MP3387A Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MP3387A ― 6-STRINGS, MAX 80MA/STRING, STEP-UP, WHITE LED DRIVER
MP3387A Rev. 1.0
www.MonolithicPower.com
14
5/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
Figure 3: VIN > 5.5V, 6-String, 20mA/String Application
Figure 4: VIN < 5.5V, 6-String, 20mA/String Application (tie VIN and VCC together)
AGND
PGND
PGND
PGND
PGND
PGND
AGND
AGND
LED6
LED3
PGND
AGND
20k
R8
100k
R9
100k
R6
3K
R5
AGND
62k
R16
NC
R1
NC
C4
0
R12
100pF
C6
0
R18
NC
C2
LED4
LED5
LED1
AGND
NC
C5
2
1
L1
0
R19
LED2
LED+
C1
PWM DIM
2
1
2k
R14
EN
68nF
C7
C8
NC
R11
0
R15
0
R10
324k
R2
GND
2k
R7
VIN
F1
10k
R4
0
R13
1
2
DFLS160
D1
C3
NET00010
FF
20k
R17
EN
1
LED1 15
LED2 14
OVP 16
LED3 13
MIX
4
PGND2 18
NC
3
FREQ
2
AGND
5
PGND1 17
PWMI
6
U1
AGND
PGND
PGND
PGND
PGND
PGND
AGND
AGND
LED6
LED3
PGND
AGND
20k
R8
100k
R9
100k
R6
3K
R5
AGND
62k
R16
NC
R1
NC
C4
0
R12
100pF
C6
0
R18
NC
C2
LED4
LED5
LED1
AGND
NC
C5
2
1
L1
0
R19
LED2
LED+
C1
PWM DIM
2
1
2k
R14
EN
68nF
C7
C8
NC
R11
0
R15
0
R10
324k
R2
GND
2k
R7
VIN
F1
10k
R4
0
R13
1
2
DFLS160
D1
C3
NET00010
FF
20k
R17
EN
1
LED1 15
LED2 14
OVP 16
LED3 13
MIX
4
PGND2 18
NC
3
FREQ
2
AGND
5
PGND1 17
PWMI
6
U1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com