Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3387A Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3387A
Description  6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3387A Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP3387A Datasheet HTML 2Page - Monolithic Power Systems MP3387A Datasheet HTML 3Page - Monolithic Power Systems MP3387A Datasheet HTML 4Page - Monolithic Power Systems MP3387A Datasheet HTML 5Page - Monolithic Power Systems MP3387A Datasheet HTML 6Page - Monolithic Power Systems MP3387A Datasheet HTML 7Page - Monolithic Power Systems MP3387A Datasheet HTML 8Page - Monolithic Power Systems MP3387A Datasheet HTML 9Page - Monolithic Power Systems MP3387A Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MP3387A ― 6-STRINGS, MAX 80MA/STRING, STEP-UP, WHITE LED DRIVER
MP3387A Rev. 1.0
www.MonolithicPower.com
6
5/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, VEN = 5V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
LED Current Regulation
LEDX average current
ILED
RISET = 62kΩ
19.7
20
20.3
mA
Current matching
(5)
ISET = 20mA
1.5
%
Maximum
LED
current
per
string
ILEDmax
80
mA
ISET regulation voltage
1.24
V
LEDX regulation voltage
VLEDX
ILED = 20mA
400
500
600
mV
ILED = 65mA
720
820
920
mV
Protection
Over-voltage
protection
threshold
VOVP_OV
Rising edge
1.16
1.2
1.24
V
OVP UVLO threshold
VOVP_UV
Step-up converter fails
50
80
110
mV
LEDX over-voltage threshold
VLEDX_OV
VIN > 5.5V
5.1
5.5
5.9
V
LEDX UVLO threshold
VLEDX_UV
180
275
370
mV
Thermal shutdown threshold
(6)
TST
150
°C
Thermal shutdown hysteresis
20
°C
LEDX over-voltage fault timer
FS = 1.25MHz
1.3
1.6
1.9
ms
NOTE:
5)
Matching is defined as the difference of maximum to minimum current divided by 2 times the setting current (for single IC).
6)
Guaranteed by Design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com