Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3387A Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3387A
Description  6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3387A Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3387A Datasheet HTML 7Page - Monolithic Power Systems MP3387A Datasheet HTML 8Page - Monolithic Power Systems MP3387A Datasheet HTML 9Page - Monolithic Power Systems MP3387A Datasheet HTML 10Page - Monolithic Power Systems MP3387A Datasheet HTML 11Page - Monolithic Power Systems MP3387A Datasheet HTML 12Page - Monolithic Power Systems MP3387A Datasheet HTML 13Page - Monolithic Power Systems MP3387A Datasheet HTML 14Page - Monolithic Power Systems MP3387A Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MP3387A ― 6-STRINGS, MAX 80MA/STRING, STEP-UP, WHITE LED DRIVER
MP3387A Rev. 1.0
www.MonolithicPower.com
11
5/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
improves the low LED current dimming ratio
and prevents troublesome audible noise issues.
If MIX is pulled low, the MP3387A works with
direct PWM dimming mode. The LED current is
fixed to ISET, and the output LED current is
chopped following the direct PWM dimming
signal duty cycle and frequency. The average
output current is equal to ISET*DDIM.
Output Over-Voltage Protection and Short
Protection
In some unexpected cases, to prevent the IC
from continuing to charge the output voltage,
the MP3387A uses an OVP function to protect
the components from being damaged by the
output voltage. If the OVP high-protection
threshold point (1.2V) has been reached, the
chip stops switching and the output voltage
drops. Switching resumes if the OVP point
drops below the recovery threshold.
The MP3387A can also achieve an output short
to GND or diode open protection by detecting
the OVP voltage. The IC works in normal
switching mode only when the OVP voltage is
higher than 80mV.
Open-String Protection
Open-string protection is achieved by detecting
both the OVP pin and the LED (1 to 6) pins. If
one or more strings (but not all strings) are
open, the respective LEDX pins are pulled to
ground, and the IC continues charging the
output voltage until OVP reaches the 1.2V
protection threshold. The chip stops switching
and marks off the open strings that have an
LEDX pin voltage lower than 275mV. Once
marked, the remaining LED strings force the
output voltage back into the correct regulation.
The string with the largest voltage drop
determines the output regulation. The marked-
off strings can resume normal operation after
they are connected back to the system.
If all six strings are open (LED bar is open), the
IC continues charging the output voltage until
the OVP voltage reaches the 1.2V threshold
and marks off the LED current regulator. The IC
resumes normal current regulation until VIN or
EN is reset.
Short-String Protection
The MP3387A monitors the LEDX pin voltage
to determine if a short string occurs. If one or
more strings are short, the respective LEDX
pins are pulled up to the boost output and
tolerate high-voltage stress. If the LEDX pin
voltage is higher than 5.5V, the short-string
condition is detected on the respective string.
When the short-string fault (LEDX over-voltage
fault)
continues
for
longer
than
1.6ms
(fsw=1.25MHz),
the
corresponding
string
current regulator is disabled and disconnects
from the output voltage loop regulation. The
LED string resumes normal current regulation
when the short condition is removed.
Thermal Shutdown
To prevent the IC from operating at exceedingly
high
temperatures,
thermal
shutdown
is
implemented by detecting the silicon die
temperature.
When
the
die
temperature
exceeds the upper threshold (TST), the IC shuts
down and resumes normal operation when the
die
temperature
drops
below
the
lower
threshold. Typically, the hysteresis value is
20°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com