Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3387L Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3387L
Description  Step-up, 6 strings, Max.45mA/string, Combined Analog and PWM dimming, White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3387L Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3387L Datasheet HTML 1Page - Monolithic Power Systems MP3387L Datasheet HTML 2Page - Monolithic Power Systems MP3387L Datasheet HTML 3Page - Monolithic Power Systems MP3387L Datasheet HTML 4Page - Monolithic Power Systems MP3387L Datasheet HTML 5Page - Monolithic Power Systems MP3387L Datasheet HTML 6Page - Monolithic Power Systems MP3387L Datasheet HTML 7Page - Monolithic Power Systems MP3387L Datasheet HTML 8Page - Monolithic Power Systems MP3387L Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP3387L ― STEP UP, 6STRINGS,WHITE LED DRIVER
MP3387L Rev. 1.11
www.MonolithicPower.com
3
3/29/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP3387LGRT
TQFN-24 (4mmX4mm)
M3387L
* For Tape & Reel, add suffix –Z (e.g. MP3387LGRT–Z);
PACKAGE REFERENCE
TOP VIEW
FREQ
NC
MIX
AGND
PWMI
EN
PGND
PGND
OVP
LED1
LED2
LED3
Exposed Pad
Connected to GND
TQFN24 (4X4mm)
ABSOLUTE MAXIMUM RATINGS (1)
VPWMI, VEN, VIN ...............................-0.3V to +30V
VCC .............................................-0.3V to +6.5V
VLX, VLED1 to VLED6 ............................-1V to +50V
All Other Pins.................................–0.3V to +6V
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Continuous Power Dissipation (TA = 25°C)
(2)
TQFN-24 (4mmX4mm) .............................. 2.9W
Recommended Operating Conditions
(3)
Supply Voltage VIN ..............................3V to 26V
Operating Junction Temp. ....... -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
TQFN-24 (4mmX4mm)…..…..42……..9....°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com