Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3387L Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3387L
Description  Step-up, 6 strings, Max.45mA/string, Combined Analog and PWM dimming, White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3387L Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3387L Datasheet HTML 1Page - Monolithic Power Systems MP3387L Datasheet HTML 2Page - Monolithic Power Systems MP3387L Datasheet HTML 3Page - Monolithic Power Systems MP3387L Datasheet HTML 4Page - Monolithic Power Systems MP3387L Datasheet HTML 5Page - Monolithic Power Systems MP3387L Datasheet HTML 6Page - Monolithic Power Systems MP3387L Datasheet HTML 7Page - Monolithic Power Systems MP3387L Datasheet HTML 8Page - Monolithic Power Systems MP3387L Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MP3387L ― STEP UP, 6STRINGS,WHITE LED DRIVER
MP3387L Rev. 1.11
www.MonolithicPower.com
5
3/29/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN =12V, VEN = 5V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
ISET Regulation Voltage
1.217
1.241
1.264
V
LEDX Regulation Voltage
VLEDX
ILED=20mA
400
500
600
mV
PROTECTION
Over Voltage Protection
Threshold
VOVP_OV
Rising Edge
1.16
1.2
1.24
V
OVP UVLO threshold
VOVP_UV
Step-up Converter Fails
50
80
110
mV
LEDX Over Voltage Threshold
VLEDX_OV
VIN>5.5V
5.1
5.5
5.9
V
LEDX UVLO Threshold
VLEDX_UV
180
275
370
mV
Thermal Shutdown Threshold
(6)
TST
150
°C
Thermal Shutdown Hysteresis
20
°C
LEDX Over Voltage Fault Timer
Fs=1.25MHz
1.3
1.6
1.9
ms
Notes:
5) Matching is defined as the difference of the maximum to minimum current divided by the setting current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com