Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3387L Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3387L
Description  Step-up, 6 strings, Max.45mA/string, Combined Analog and PWM dimming, White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3387L Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3387L Datasheet HTML 6Page - Monolithic Power Systems MP3387L Datasheet HTML 7Page - Monolithic Power Systems MP3387L Datasheet HTML 8Page - Monolithic Power Systems MP3387L Datasheet HTML 9Page - Monolithic Power Systems MP3387L Datasheet HTML 10Page - Monolithic Power Systems MP3387L Datasheet HTML 11Page - Monolithic Power Systems MP3387L Datasheet HTML 12Page - Monolithic Power Systems MP3387L Datasheet HTML 13Page - Monolithic Power Systems MP3387L Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP3387L ― STEP UP, 6STRINGS,WHITE LED DRIVER
MP3387L Rev. 1.11
www.MonolithicPower.com
12
3/29/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Selecting Dimming Control Mode
The MP3387L provides two different dimming
methods.
1. Direct PWM Dimming
Pull MIX pin to low to make MP3387L work in
direct PWM dimming mode. Apply a PWM
dimming signal to PWMI pin, the LED current is
fixed to ISET, the output LED current is chopped
following to the direct PWM dimming signal duty
cycle and frequency. The average output current
is equal to ISET*DDIM. The input PWM dimming
frequency depends on the LED current dimming
ratio. Lower input PWM dimming frequency
results in better LED dimming ratio. Usually, a
200Hz to 2kHz PWM signal is ok to cover most
applications.
2. Combined Analog and PWM Dimming
If MIX pin is pulled to high (In default, this pin is
pulled to high.), MP3387L works in combined
analog and PWM dimming mode with 25% as its
transfer point. A PWM signal is applied to the
PWMI pin. When the duty cycle of PWM dimming
signal is >= 25%, the IC dims the LED current
with analog mode and the LED current amplitude
is equal to ISET*DDIM. (ISET is the LED current set
by resistor connected to ISET pin; DDIM is the
duty cycle of PWM dimming signal.) Analog
dimming helps to reduce the LED power loss and
avoid the audible noise issue. When the duty
cycle of PWM dimming signal is <25%, the IC
dims the LED current in PWM mode, the LED
current amplitude is fixed to 25%* ISET while the
LED dimming duty is 4 times DDIM to make the
actual average LED current equal to ISET*DDIM.
The actual LED current dimming frequency is
automatically
transferred
to
the
range
of
24kHz~27.5kHz from 100Hz~20kHz of the input
PWM dimming signal frequency. By doing this,
MP3387L can not only improve the low LED
current dimming ratio but also avoid the
troublesome audible noise issue.
Layout Considerations
Careful attention must be paid to the PCB board
layout and components placement. Proper layout
of the high frequency switching path is critical to
prevent noise and electromagnetic interference
problems. The loop of LX to PGND pin (U1),
output diode (D1), and output capacitor (C2) is
flowing with high frequency pulse current. It must
be as short as possible (See figure below).
LX
PGND
GND
D1
C2
R1
Iset
Rset
U1
R2
Layout Consideration
The IC exposed pad is internally connected to
GND pin, and all logic signals are referred to the
GND. The PGND should be externally connected
to GND and is recommended to keep away from
the logic signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com