Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3387L Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3387L
Description  Step-up, 6 strings, Max.45mA/string, Combined Analog and PWM dimming, White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3387L Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3387L Datasheet HTML 6Page - Monolithic Power Systems MP3387L Datasheet HTML 7Page - Monolithic Power Systems MP3387L Datasheet HTML 8Page - Monolithic Power Systems MP3387L Datasheet HTML 9Page - Monolithic Power Systems MP3387L Datasheet HTML 10Page - Monolithic Power Systems MP3387L Datasheet HTML 11Page - Monolithic Power Systems MP3387L Datasheet HTML 12Page - Monolithic Power Systems MP3387L Datasheet HTML 13Page - Monolithic Power Systems MP3387L Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MP3387L ― STEP UP, 6STRINGS,WHITE LED DRIVER
MP3387L Rev. 1.11
www.MonolithicPower.com
13
3/29/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
AGND
PGND
PGND
PGND
PGND
PGND
AGND
AGND
LED6
LED3
PGND
AGND
20k
R8
100k
R9
100k
R6
3K
R5
AGND
60.4k
R16
NC
R1
NC
C4
0
R12
100pF
C6
0
R18
NC
C2
LED4
LED5
LED1
AGND
NC
C5
2
1
10uH
L1
0
R19
LED2
LED+
4.7uF/50V
C1
PWM DIM
2
1
2k
R14
EN
68nF
C7
0.47uF
C8
NC
R11
0
R15
0
R10
324k
R2
GND
2k
R7
VIN
F1
10k
R4
0
R13
1
2
DFLS160
D1
2.2uF/50V
C3
NET00010
FF
20k
R17
EN
1
LED1
15
LED2
14
OVP
16
LED3
13
MIX
4
PGND
18
NC
3
FREQ
2
AGND
5
PGND
17
PWMI
6
U1
Figure 1: Vin>5.5V, 6string, 20mA/string application
AGND
PGND
PGND
PGND
PGND
PGND
AGND
AGND
LED6
LED3
PGND
AGND
20k
R8
100k
R9
100k
R6
3K
R5
AGND
60.4k
R16
NC
R1
NC
C4
0
R12
100pF
C6
0
R18
NC
C2
LED4
LED5
LED1
AGND
NC
C5
2
1
10uH
L1
0
R19
LED2
LED+
4.7uF/50V
C1
PWM DIM
2
1
2k
R14
EN
68nF
C7
0.47uF
C8
NC
R11
0
R15
0
R10
324k
R2
GND
2k
R7
VIN
F1
10k
R4
0
R13
1
2
DFLS160
D1
2.2uF/50V
C3
NET00010
FF
20k
R17
EN
1
LED1
15
LED2
14
OVP
16
LED3
13
MIX
4
PGND
18
NC
3
FREQ
2
AGND
5
PGND
17
PWMI
6
U1
Figure 2: Vin<5.5V, 6string, 20mA/string application(Tie VIN and VCC together)
Note: some components are reasonably adjustable based on real case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com