Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3387L Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3387L
Description  Step-up, 6 strings, Max.45mA/string, Combined Analog and PWM dimming, White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3387L Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3387L Datasheet HTML 6Page - Monolithic Power Systems MP3387L Datasheet HTML 7Page - Monolithic Power Systems MP3387L Datasheet HTML 8Page - Monolithic Power Systems MP3387L Datasheet HTML 9Page - Monolithic Power Systems MP3387L Datasheet HTML 10Page - Monolithic Power Systems MP3387L Datasheet HTML 11Page - Monolithic Power Systems MP3387L Datasheet HTML 12Page - Monolithic Power Systems MP3387L Datasheet HTML 13Page - Monolithic Power Systems MP3387L Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP3387L ― STEP UP, 6STRINGS,WHITE LED DRIVER
MP3387L Rev. 1.11
www.MonolithicPower.com
11
3/29/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Switching Frequency
The switching frequency of the step-up converter
is recommended from 500kHz to 1.2MHz for
most of application. An oscillator resistor on
FREQ pin sets the internal oscillator frequency
for the step-up converter according to the below
equation:
SW
OSC
62500
F(kHz)
R(k )
=
Ω
For ROSC=100kΩ, the switching frequency is set
to 625kHz.
Setting the LED Current
The current of each string is identical and set
through the current setting resistor on the ISET
pin.
SET
SET
1.21(V)
I1000
R(k)
=×
For RSET=60.4kΩ, the LED current is set to 20mA.
The ISET pin can not be open.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. The input capacitor
impedance at the switching frequency should be
less than the input source impedance to prevent
the
high-frequency
switching
current
from
passing through to the input. Use ceramic
capacitors with X5R or X7R dielectrics for their
low ESR and small temperature coefficients. For
most applications, a 4.7μF ceramic capacitor is
sufficient.
Selecting the Inductor
The MP3387L requires an inductor to supply a
higher output voltage while being driven by the
input voltage. A larger value inductor results in
less ripple current, lower peak inductor current
and less stress on the internal N-channel
MOSFET. However, the larger value inductor has
a larger physical size, higher series resistance,
and lower saturation current.
Choose an inductor that does not saturate under
the worst-case load conditions. Select the
minimum inductor value to ensure that the boost
converter works in continuous conduction mode
with high efficiency and good EMI performance.
Calculate the required inductance value using the
equation:
××
× −
≥
××
2
OUT
SW
LOAD
η V
D (1 D)
L
2
f
I
=−
IN
OUT
V
D1
V
Where VIN and VOUT are the input and output
voltages, fSW is the switching frequency, ILOAD is
the LED load current, and η is the efficiency.
With given inductor value, the inductor DC
current rating is at least 40% higher than the
maximum input peak inductor current for most
applications. The inductor’s DC resistance should
be as small as possible to get higher efficiency.
Selecting the Output Capacitor
The output capacitor keeps the output voltage
ripple small and ensures feedback loop stability.
The output capacitor impedance must be low at
the switching frequency. Ceramic capacitors with
X7R dielectrics are recommended for their low
ESR characteristics. For most applications, a
2.2μF ceramic capacitor is sufficient.
Setting the Over Voltage Protection
The open string protection is achieved through
the detection of the voltage on the OVP pin. In
some unexpected cases, the part keeps boosting
the output voltage higher and higher. If the output
voltage reaches the programmed OVP threshold,
the protection will be triggered.
To ensure the chip functions properly, select the
resistor values for the OVP resistor divider to
provide
an
appropriate
set
voltage.
The
recommended OVP point is about 1.1 to 1.2
times higher than the output voltage for normal
operation.
HIGH
OVP
LOW
R
V1.2(V) (1
)
R
=× +



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com