Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3387L Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP3387L
Description  Step-up, 6 strings, Max.45mA/string, Combined Analog and PWM dimming, White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3387L Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP3387L Datasheet HTML 5Page - Monolithic Power Systems MP3387L Datasheet HTML 6Page - Monolithic Power Systems MP3387L Datasheet HTML 7Page - Monolithic Power Systems MP3387L Datasheet HTML 8Page - Monolithic Power Systems MP3387L Datasheet HTML 9Page - Monolithic Power Systems MP3387L Datasheet HTML 10Page - Monolithic Power Systems MP3387L Datasheet HTML 11Page - Monolithic Power Systems MP3387L Datasheet HTML 12Page - Monolithic Power Systems MP3387L Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MP3387L ― STEP UP, 6STRINGS,WHITE LED DRIVER
MP3387L Rev. 1.11
www.MonolithicPower.com
9
3/29/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP3387L employs a peak current as its
PWM mode architecture and has 6-channels
current sources to regulate the array of 6
strings white LEDs. The operation of the
MP3387L can be understood by referring to the
block diagram.
Internal 5V Regulator
The MP3387L includes an internal linear
regulator (VCC). When VIN is greater than 5.5V,
this regulator offers a 5V power supply for the
internal MOSFET switch gate-driver and the
internal control circuitry. The VCC voltage drops
to 0V when the chip shuts down. In the
application of VIN smaller than 5.5V, tie VCC
and VIN together. Also, the MP3387L features
Under Voltage Lockout and the chip is disabled
until VCC exceeds the UVLO threshold. The
hysteresis of UVLO is approximately 200mV.
System Startup
When enabled, the MP3387L checks the
topology connection first. The chip monitors the
over-voltage protection (OVP) pin to see
whether the Schottky diode is connected or
whether the boost output is shorted to GND. An
OVP voltage less than 80mV will fail to the
switching. The MP3387L also checks other
safety limits, including UVLO and over-
temperature protection (OTP). If detections to
all the protections pass, the chip then starts
boosting the step-up converter with an internal
soft-start.
It is recommended that the enable signal occurs
after the establishment of the input voltage and
PWM dimming signal during the start-up
sequence to avoid large inrush current.
Step-Up Converter
The
converter
operating
frequency
is
programmed
with
an
external
resistor
connected to the OSC pin. This helps to
optimize the size of external components and
the efficiency.
At the beginning of each switching cycle, the
internal clock turns on the external MOSFET (In
normal operation, the minimum turning-on time
is 100ns). A stabilizing ramp added to the
output of the current sense amplifier prevents
sub-harmonic
oscillations
for
duty
cycles
greater than 50 percent. This result is fed into
the PWM comparator. When this resulting
voltage reaches the output voltage of the error
amplifier (VCOMP), the external MOSFET turns
off.
The output voltage of the internal error amplifier
is an amplified signal of the difference between
the reference voltage and the feedback voltage.
The converter automatically chooses the lowest
active LEDX pin voltage to provide a high-
enough bus voltage to power all the LED arrays.
If the feedback voltage drops below the
reference, the output of the error amplifier
increases. It results in more current flowing
through the MOSFET, thus increasing the
power delivered to the output. This forms a
closed loop that regulates the output voltage.
Under light-load operation, especially in the
case of VOUT ≈ VIN, the converter runs in pulse-
skipping mode where the MOSFET turns on for
a minimum on-time of approximately 100ns,
and then the converter discharges the power to
the output for the remaining period. The
external MOSFET remains off until the output
voltage needs to be boosted again.
Dimming Control
The MP3387L provides two dimming methods:
direct PWM dimming mode or combined analog
and PWM dimming mode.
If MIX pin is pulled to high (In default, this pin is
pulled to high.), MP3387L works in combined
analog and PWM dimming mode with 25% as
its transfer point. A PWM signal is applied to the
PWMI pin. When the duty cycle of PWM
dimming signal is >= 25%, the IC dims the LED
current with analog mode and the LED current
amplitude is equal to ISET*DDIM. (ISET is the LED
current set by resistor connected to ISET pin;
DDIM is the duty cycle of PWM dimming signal.)
Analog dimming helps to reduce the LED power
loss and avoid the audible noise issue. When
the duty cycle of PWM dimming signal is <25%,
the IC dims the LED current in PWM mode, the
LED current amplitude is fixed to 25%* ISET
while the LED dimming duty is 4 times DDIM to
make the actual average LED current equal to
ISET*DDIM. The actual LED current dimming
frequency is automatically transferred to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com