Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3387L Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3387L
Description  Step-up, 6 strings, Max.45mA/string, Combined Analog and PWM dimming, White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3387L Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3387L Datasheet HTML 1Page - Monolithic Power Systems MP3387L Datasheet HTML 2Page - Monolithic Power Systems MP3387L Datasheet HTML 3Page - Monolithic Power Systems MP3387L Datasheet HTML 4Page - Monolithic Power Systems MP3387L Datasheet HTML 5Page - Monolithic Power Systems MP3387L Datasheet HTML 6Page - Monolithic Power Systems MP3387L Datasheet HTML 7Page - Monolithic Power Systems MP3387L Datasheet HTML 8Page - Monolithic Power Systems MP3387L Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP3387L
Step-up, 6 strings, Max.45mA/string,
Combined Analog
and PWM dimming, White LED Driver
MP3387L Rev. 1.11
www.MonolithicPower.com
1
3/29/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3387L is a step-up converter with 6-
channel current sources. It is designed for
driving the white LED arrays as backlighting of
middle or large size LCD panel.
The MP3387L uses peak-current mode as its
PWM
control
architecture.
The
switching
frequency can be programmed by a resistor. It
generates an output voltage up to 45V from a
3V to 26V input supply. The MP3387L
independently regulates the current in each
LED string to the value set by an external
current-setting resistor.
The MP3387L applies 6 internal current
sources in each LED string terminal to achieve
a current balance with 3% current regulation
accuracy between strings. Its low 500mV
regulation voltage on LED current sources
reduces power loss.
The MP3387L features external digital PWM
dimming and analog dimming, both of which
sharing a single input with 25% PWM duty cycle
as a transfer point. The mix-dimming strategy
helps to improve the dimming ratio. Also,
MP3387L automatically transfers the PWM
input signal 100Hz to 20kHz frequency to
24kHz to 27.5kHz to eliminate the audible noise.
MP3387L
has rich protection modes to
guarantee safety operation. The protection
modes include recoverable OCP (over-current
protection), OVP (over-voltage protection), OTP
(over-temperature protection), any string of LED
short and open protection.
The
MP3387L
is
available
in
TQFN24-
4mmX4mm package.
FEATURES
• 6-String, Max 45mA/String
• 3V to 26V Input Voltage Range
• 3% Current Matching Accuracy Between
Strings
• Programmable Switching Frequency
• Selectable Combined Analog and PWM
Dimming Mode or Pure PWM Dimming
Mode
• Combined Analog and PWM Dimming Mode
with 25% Dimming Transfer Point
• 24kHz
to
27.5kHz
Output
Dimming
Frequency to eliminate audible noise
• Programmable Over-Voltage Protection
• Recoverable Thermal Shutdown Protection
• Cycle by Cycle Over Current Protection
• Under-Voltage Lockout
• TQFN24 (4X4mm) Package
APPLICATIONS
• Notebook PC
• Small LCD TV
• Handy Terminals Display
• Automotive System and Tablet Computer
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.


Similar Part No. - MP3387L

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3387LGRT MPS-MP3387LGRT Datasheet
595Kb / 6P
6 strings Boost White LED Driver Evaluation Board
More results

Similar Description - MP3387L

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3394 MPS-MP3394 Datasheet
401Kb / 17P
Step-up, 4-String Max 200mA/String White LED Driver
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
Step-Up, 4-String Max 200mA/String White LED Driver
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
Step-Up, 4-String Max 350mA/String White LED Driver
logo
SG Micro Corp
SGM3720 SGMICRO-SGM3720 Datasheet
319Kb / 12P
PWM Dimming, 38V Step-Up LED Driver
SGM3736 SGMICRO-SGM3736 Datasheet
326Kb / 12P
PWM Dimming, 38V Step-Up LED Driver
logo
Monolithic Power System...
MPQ3387L MPS-MPQ3387L Datasheet
487Kb / 17P
Step-up, 6 strings, Max. 45mA/string, Combined Analog and PWM dimming, White LED Driver AEC-Q100 Qualified
MP3387A MPS-MP3387A Datasheet
443Kb / 16P
6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
MP3398A MPS-MP3398A Datasheet
1,022Kb / 20P
Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
MP3398D MPS-MP3398D Datasheet
879Kb / 19P
4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
logo
Leadtrend Technology
LD5805 LEADTREND-LD5805 Datasheet
756Kb / 18P
Step up, 4 strings, Max. 250mA/string, Multi-dimming mode WLED Backlight Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com