Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3387L Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3387L
Description  Step-up, 6 strings, Max.45mA/string, Combined Analog and PWM dimming, White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3387L Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3387L Datasheet HTML 6Page - Monolithic Power Systems MP3387L Datasheet HTML 7Page - Monolithic Power Systems MP3387L Datasheet HTML 8Page - Monolithic Power Systems MP3387L Datasheet HTML 9Page - Monolithic Power Systems MP3387L Datasheet HTML 10Page - Monolithic Power Systems MP3387L Datasheet HTML 11Page - Monolithic Power Systems MP3387L Datasheet HTML 12Page - Monolithic Power Systems MP3387L Datasheet HTML 13Page - Monolithic Power Systems MP3387L Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP3387L ― STEP UP, 6STRINGS,WHITE LED DRIVER
MP3387L Rev. 1.11
www.MonolithicPower.com
10
3/29/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
range of 24kHz~27.5kHz from 100Hz~20kHz of
the input PWM dimming signal frequency. By
doing this, MP3387L not only improves the low
LED current dimming ratio but also avoids the
troublesome audible noise issue.
If MIX pin is pulled to low, MP3387L works
under direct PWM dimming mode. The LED
current is fixed to ISET, the output LED current is
just chopped following to the direct PWM
dimming signal duty cycle and frequency. The
average output current is equal to ISET*DDIM.
Output Over Voltage Protection & Short
Protection
In some unexpected cases, in order to avoid
the IC keeping charging the output voltage,
MP3387L has OVP function to protect the
components from being damaged by output
voltage. If the OVP high protection threshold
point 1.2V has been reached, the chip stops
switching and thus, the output voltage drops.
The switching resumes to normal if the OVP
point drops below the recovery threshold.
In addition, MP3387L can achieve output short
to GND or Diode open protection by detecting
OVP pin voltage. The IC works in normal
switching only the OVP pin voltage is higher
than 80mV.
Open String Protection
Open string protection is achieved by detecting
both the OVP pin and the LED (1 to 6) pins. If
one or more strings (Not all strings) are open,
the respective LEDX pins are pulled to ground
and the IC keeps charging the output voltage
until OVP reaches the 1.2V protection threshold,
the chip stops switching and marks off the open
strings which have an LEDX pin voltage lower
than 275mV. Once marked, the remaining LED
strings force the output voltage back into right
regulation. The string with the largest voltage
drop determines the output regulation. In
addition, the marked-off strings can resume to
normal operation after connected back to the
system.
If all 6 strings are open (LED bar is open), the
IC keeps charging the output voltage until OVP
pin voltage hits 1.2V threshold, then mark off
the LED current regulator. The IC resumes to
normal current regulation till VIN or EN is reset.
Short String Protection
The MP3387L monitors the LEDX pin voltage to
judge if the short string occurs. If one or more
strings are short, the respective LEDX pins will
be pulled up to the boost output and tolerate
high voltage stress. If the LEDX pin voltage is
higher than 5.5V, the short string condition is
detected on the respective string. When the
short string fault (LEDX over-voltage fault)
continues
for
greater
than
1.6ms,
the
corresponding
string
current
regulator
is
disabled and disconnects from the output
voltage loop regulation. The LED string will
resume to normal current regulation when the
short condition is removed.
Thermal Shutdown Protection
To prevent the IC from operating at exceedingly
high
temperature,
thermal
shutdown
is
implemented in this chip by detecting the silicon
die temperature. When the die temperature
exceeds the upper threshold TST, the IC
shutdowns and recovers to normal operation
when die temperature drops below lower
threshold. Typically, the hysteresis value is
20°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com