Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5534ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5534ACPZ-R7
Description  20 MHz to 500 MHz Dual IF Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5534ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5534ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADL5534
Data Sheet
Rev. B | Page 4 of 16
TYPICAL SCATTERING PARAMETERS
VPOS = 5 V and TA = 25°C; the effects of the test fixture have been de-embedded up to the pins of the device.
Table 2.
Freq. (MHz)
S11
S21
S12
S22
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
20
−22.72
−102.04
21.79
174.78
−24.08
5.82
−18.56
−42.21
50
−20.40
−138.34
21.07
171.81
−23.40
6.92
−21.33
−71.17
100
−19.83
−160.87
20.66
169.90
−23.11
7.81
−25.56
−90.45
150
−19.95
−170.03
20.51
167.16
−23.01
9.36
−27.64
−95.94
200
−20.29
−174.24
20.39
164.06
−22.93
11.42
−27.78
−94.45
250
−20.72
−176.35
20.27
160.68
−22.85
13.45
−26.69
−91.22
300
−20.93
−175.04
20.16
157.31
−22.77
15.66
−24.58
−89.94
350
−21.06
−174.10
20.01
153.74
−22.69
17.74
−22.78
−90.89
400
−21.43
−171.87
19.85
150.30
−22.61
20.07
−20.76
−91.14
450
−21.58
−168.25
19.68
146.82
−22.51
22.24
−18.97
−92.39
500
−21.75
−163.79
19.45
142.72
−22.36
24.88
−17.10
−92.91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com