Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5534ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5534ACPZ-R7
Description  20 MHz to 500 MHz Dual IF Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5534ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5534ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADL5534
Rev. B | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0
2
4
6
8
10
12
14
16
18
20
22
0
50
100
150
200
250
300
350
400
450
500
12
15
18
21
24
27
30
33
36
39
42
45
FREQUENCY (MHz)
OIP3
GAIN
P1dB
NOISE FIGURE
Figure 3. Noise Figure, Gain, P1dB, and OIP3 vs. Frequency
19.0
19.2
19.4
19.6
19.8
20.0
20.2
20.4
20.6
20.8
21.0
21.2
21.4
+25°C
+85°C
–40°C
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
Figure 4. Gain vs. Frequency and Temperature
–35
–30
–25
–20
–15
–10
–5
60
100 140 180 220 260 300 340 380 420 460
S11
20
500
FREQUENCY (MHz)
S12
S22
Figure 5. Input Return Loss (S11), Output Return Loss (S22), and Reverse
Isolation (S12) vs. Frequency
19.0
19.5
20.0
20.5
21.0
21.5
22.0
22.5
23.0
26
28
30
32
34
36
38
40
42
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
+25°C
+85°C
–40°C
–40°C
+25°C
+85°C
Figure 6. P1dB and OIP3 vs. Frequency and Temperature
24
26
28
30
32
34
36
38
40
42
–4
–2
0
2
4
6
8
10
12
14
16
18
–6
20
POUT (dBm)
380MHz
20MHz
500MHz
70MHz
190MHz
Figure 7. OIP3 vs. Output Power and Frequency
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
+85°C
–40°C
+25°C
Figure 8. Noise Figure vs. Frequency and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com