Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5534ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5534ACPZ-R7
Description  20 MHz to 500 MHz Dual IF Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5534ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5534ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADL5534
Rev. B | Page 11 of 16
RFOUT
T2
ADT2-1T-1P+
L1
470nH
L2
470nH
C7
10nF
C5
1nF
C9
1µF
C16
10nF
VPOS
GND
C8
10nF
C10
1µF
VPOS1
GND1
W1
W2
NC
NC
NC
NC
NC
NC
Z1
ADL5534
NC
9
12
4
10
2
11
3
1
RFIN
T1
ADT2-1T-1P+
1
1
C15
10nF
C6
1nF
Figure 17. Connections for Operating as a Balanced Amplifier
USING BALUNS TO COMBINE BOTH AMPLIFIERS
INTO A SINGLE AMPLIFIER
The ADL5534 is ideal for use in a balanced amplifier confi-
guration. To accomplish this, flux-coupled RF transformers
with a 2:1 impedance ratio can be used for wide band
operation. Alternatively, a balun can be constructed using
lumped element components for operation over a narrow
frequency range. Figure 17 shows the necessary connections
for configuring the ADL5534 for operation as a balanced
amplifier. Figure 18 shows the performance of the ADL5534
operating in a balanced configuration.
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
35
40
45
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
NOISE FIGURE
GAIN
P1dB
OIP2
OIP3
Figure 18. Performance of the ADL5534 Operating in Balanced
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com