Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5534ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5534ACPZ-R7
Description  20 MHz to 500 MHz Dual IF Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5534ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5534ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADL5534
Data Sheet
Rev. B | Page 12 of 16
470nH
470nH
10nF
1nF
1µF
VPOS
GND
10nF
1µF
1nF
VPOS1
GND1
NC
NC
NC
NC
NC
NC
Z1
ADL5534
NC
9
12
4
10
2
11
3
1
RFIN
10nF
AD9640
49.9
Ω
49.9
Ω
120nH
33
Ω
120nH
100pF
120nH
33
Ω
120nH
100pF
16pF
4.7pF
CML
Figure 19. Narrow-Band IF Sampling Solution for Unbuffered ADC
ADC DRIVING APPLICATION
The ADL5534 is a high linearity, fixed gain IF amplifier suitable
for use as an ADC driver. The ADL5534 has a differential input
and output impedance of 100 Ω. A flux-coupled RF transformer
with a 2:1 impedance ratio was used to perform the single-ended-
to-differential conversion at the input of the ADL5534. The
interface between the ADL5534 and the AD9640 is a third-
order low pass filter presenting a 100 Ω differential impedance
to the source and load. The ADL5534 must be ac-coupled to
prevent dc bias from entering the inputs of the ADC. Capacitors
of 100 pF were chosen to reduce any low frequency noise coming
from the ADL5534 and provide dc blocking. The measured
results for this interface shows 0.5 dB insertion loss for a 20 MHz
bandwidth centered around 92 MHz. The wideband response for
the interface is shown in Figure 20. The single-tone results in
Figure 21 show an SNR of 69.3 dB and an SFDR of 82 dBc. The
two-tone results in Figure 22 show an IMD3 of −80.5 dBc and
an SFDR of 78 dBc.
FREQUENCY (MHz)
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
50
100
150
200
250
300
350
400
Figure 20. Measured Frequency Response of ADC interface
in Figure 19
FREQUENCY (MHz)
SNR = 69.334dBc
SFDR = 82.267dBc
NOISE FLOOR = –109.519dB
FUND = –1.05dBFs
SECOND = –82.262dBc
THIRD = –88.688dBc
6
0
12
18
24
30
36
42
48
54
60
0
–15
–30
–45
–60
–75
–90
–105
–120
–135
Figure 21. Measured Single-Tone Performance of the Circuit in Figure 19
FREQUENCY (MHz)
SFDR = 78.267dBc
NOISE FLOOR = –110.131dB
FUND 1 = –7.181dBFs
FUND 2 = –7.191dBFs
IMD (2F1 – F2) = –80.538dBc
IMD (2F2 – F1) = –82.086dBc
6
0
12
18
24
30
36
42
48
54
60
0
–15
–30
–45
–60
–75
–90
–105
–120
–135
Figure 22. Measured Two-Tone Performance of the Circuit in Figure 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com